Electronic Components Datasheet Search
  English  ▼

X  

SL110 Datasheet(PDF) 1 Page - Lumins Inc.

Part # SL110
Description  LED heat dissipater plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SL110 Datasheet(HTML) 1 Page - Lumins Inc.

  SL110 Datasheet HTML 1Page - Lumins Inc. SL110 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
Slice is made of corrosion resistant 356 aluminum alloy with a copper (CU)
content of less than 0.1%.
The front cage is made of one piece cast aluminum which encloses a high
impact white translucent diffuser. The LED board is secured to a heat
dissipating plate to ensure optimized light performance.
ELECTRICAL
LED
DRIVER 120/277V multi volt (50-60HZ) with a minimum starting temperature of
-30ºC/-22ºF. Optional 347V on request.
Output over voltage, output over current and output short circuit
protection with auto-recovery.
Over temperature protection (110ºC).
LED
Standard 4000°K LED platform. Optional 3000°K and 5000°K.
Removable modular LED platform.
LIFE
51,000hrs L
77B50 (based on IESNA TM-21 Test Method and LM-80 data).
68,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process, and oven cured for long
term finish.
MOUNTING
Maximum weight: 6lbs (2.7kg)
Slice is designed as a wall or ceiling surface mount luminaire. Mounts on a
standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C mounting holes.
CERTIFICATION
Tested to UL1598 and CSA22.2 #250. ETL listed wet location.
CE certification on request.
Rated IP65.
1
1
2
3
4
5
A.D.A compliant
SL110 SERIES
SLICE - LED
Slice may be installed
vertically or horizontally
Ceiling surface mount
1- One piece cast aluminum cage.
2- High impact white translucent acrylic diffuser
U.V stabilized.
3- LED heat dissipater plate.
4- Cast aluminum housing.
5- Sealed aluminum wall plate with silicone
perimeter gasket.
SL110
4”
(102)
Side view
18”
(457)
4.6”
(117)
Front view


Similar Part No. - SL110

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL110 BILIN-SL110 Datasheet
115Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SL110 CHENDA-SL110 Datasheet
194Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SL110 YANGJIE-SL110 Datasheet
182Kb / 2P
Schottky Rectifier
logo
RFE international
SL110 RFE-SL110 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-11-2022
logo
GOOD-ARK Electronics
SL110A GOOD-ARK-SL110A Datasheet
196Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL110

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
LED License Plate Light
logo
List of Unclassifed Man...
LH01APTAI003 ETC-LH01APTAI003 Datasheet
264Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI001 ETC-LHA01APTAI001 Datasheet
218Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004 ETC-LHA01APTAI004 Datasheet
283Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004G ETC-LHA01APTAI004G Datasheet
261Kb / 6P
LED Heat Dissipation Substrate
R9-NBS-E36K-GP ETC2-R9-NBS-E36K-GP Datasheet
533Kb / 2P
Aluminum plate for laptop heat dissipation
logo
Advanced Thermal Soluti...
CIP-1000 ATS-CIP-1000 Datasheet
489Kb / 1P
CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE
R2_0215
logo
Festo Corporation.
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com