Electronic Components Datasheet Search
  English  ▼

X  

PE3C3241 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3241
Description  N Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3241 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3241 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3241 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3241 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3241 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3241 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Female
• Cable Type: PE-P300LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.40:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS Compliant
• Same day shipment of custom lengths
• 100% Continuity and RF tested
.
Description
The PE3C3241 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance
up to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environ-
ments where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to
18 GHz. A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable
assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB.
All PE3C3241 cable assemblies are 100% Continuity and RF tested to published specifications. Custom lengths are built to
order and shipped same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS PE3C3241
PE3C3241 REV 1.0
N Male to N Female Low Loss Test Cable
Using PE-P300LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C3241


Similar Part No. - PE3C3241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3241-100CM PASTERNACK-PE3C3241-100CM Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 100 cm Length Using PE-P300LL Coax, RoHS
PE3C3241-12 PASTERNACK-PE3C3241-12 Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C3241-150CM PASTERNACK-PE3C3241-150CM Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE3C3241-200CM PASTERNACK-PE3C3241-200CM Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 200 cm Length Using PE-P300LL Coax, RoHS
PE3C3241-24 PASTERNACK-PE3C3241-24 Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results

Similar Description - PE3C3241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330 PASTERNACK-PE330 Datasheet
355Kb / 5P
N Male to N Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C1084 PASTERNACK-PE3C1084 Datasheet
419Kb / 5P
N Female Bulkhead to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3234 PASTERNACK-PE3C3234 Datasheet
413Kb / 5P
N Female to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3237 PASTERNACK-PE3C3237 Datasheet
416Kb / 5P
SMA Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3241-12 PASTERNACK-PE3C3241-12 Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C3241-24 PASTERNACK-PE3C3241-24 Datasheet
415Kb / 5P
N Male to N Female Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
PE3C3244 PASTERNACK-PE3C3244 Datasheet
415Kb / 5P
N Female to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3246 PASTERNACK-PE3C3246 Datasheet
419Kb / 5P
SMA Male to N Female Bulkhead Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3247 PASTERNACK-PE3C3247 Datasheet
416Kb / 5P
N Female to N Female Bulkhead Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3252 PASTERNACK-PE3C3252 Datasheet
409Kb / 5P
SMA Male to N Female Low Loss Test Cable Using PE-P300LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com