Electronic Components Datasheet Search
  English  ▼

X  

24AA512 Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA512
Description  512K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA512 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA512 Datasheet HTML 10Page - Microchip Technology 24AA512 Datasheet HTML 11Page - Microchip Technology 24AA512 Datasheet HTML 12Page - Microchip Technology 24AA512 Datasheet HTML 13Page - Microchip Technology 24AA512 Datasheet HTML 14Page - Microchip Technology 24AA512 Datasheet HTML 15Page - Microchip Technology 24AA512 Datasheet HTML 16Page - Microchip Technology 24AA512 Datasheet HTML 17Page - Microchip Technology 24AA512 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
24AA512/24LC512/24FC512
DS21754E-page 14
 2004 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (208 mil)
Example:
24LC512
0310017
I/SM
24AA512
I/P017
0310
XXXXXXXX
YYWWNNN
T/XXXXXX
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC512
I/MF
0310
017
NNN
14-Lead TSSOP
Example
:
XXXXXXXT
YYWW
NNN
24LC512I
0310
017
Legend:
XX...X
Customer specific information*
T
Temperature grade (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line thus limiting the number of available characters for customer
specific information.
*Standard device marking consists of Microchip part number, year code, week code, and traceability code. For
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com