Electronic Components Datasheet Search
  English  ▼

X  

RC55 Datasheet(PDF) 2 Page - TT Electronics.

Part # RC55
Description  Precision Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RC55 Datasheet(HTML) 2 Page - TT Electronics.

  RC55 Datasheet HTML 1Page - TT Electronics. RC55 Datasheet HTML 2Page - TT Electronics. RC55 Datasheet HTML 3Page - TT Electronics. RC55 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CECC 40101-004 CECC 40101-804
*Actual Performance
Requirements
Requirements
Maximum
Typical
Load at commercial rating: 1000 hours at 70°C
∆
1
.
0
3
.
0
%
R
Load at CECC rating: 1000 hours at 70°C
∆R%
0.5
0.5
0.3
0.05
Dry heat: 1000 hours at 155°C
∆R%
0.5
0.5
**1.0
0.15
Shelf life: 12 months at room temperature
∆R%
Not specified
Not specified
0.1
0.03
50% at 125°C & Zero at 155°C
C
°
5
2
1
t
a
%
0
5
C
°
5
5
1
t
a
o
r
e
Z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆R%
0.1
0.1
0.1
0.02
Climatic
∆R%
0.5
0.5
0.3
0.1
6
5
/
5
5
1
/
5
5
6
5
/
5
2
1
/
5
5
6
5
/
5
5
1
/
5
5
y
r
o
g
e
t
a
c
c
it
a
m
il
C
Long term damp heat
∆R%
0.5
0.5
0.5
0.1
Temperature rapid change
∆R%
0.1
0.1
**0.2
0.05
Resistance to solder heat
∆R%
0.1
0.1
0.06
0.03
Vibration and bump
∆R%
0.1
0.1
0.06
0.02
1
.
0
0
.
1
d
e
if
i
c
e
p
s
t
o
N
d
e
if
i
c
e
p
s
t
o
N
V
/
V
µ
)
y
c
n
e
u
q
e
r
f
f
o
e
d
a
c
e
d
a
n
i(
e
s
i
o
N
1
<
d
e
if
i
c
e
p
s
t
o
N
d
e
if
i
c
e
p
s
t
o
N
V
/
m
p
p
e
c
n
a
t
s
i
s
e
r
f
o
t
n
e
i
c
if
f
e
o
c
e
g
a
tl
o
V
Construction
A metal film is deposited onto a high quality ceramic former.
Nickel-plated steel caps are force fitted to the former and
termination wires are welded to the caps.
The resistor is adjusted to value by a helical cut in the film
and the body is protected with a specially formulated epoxy
coating.
Terminations
Material
Solder coated copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Precision Metal
Film Resistors
RC series
Marking
Type reference, TCR code, resistance value and
tolerance code.
The resistance values conform to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Performance Data
Note:
*An 0.01 ohm addition to be added to the performance claims of all resistors <10R.
** All products within the specified approved range meet CECC requirements.
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
RC55
7.2
2.5
30
0.6
10.2
0.6
0.24
RC65
10.0
3.7
30
0.6
12.7
0.6
0.40
RC70
15.5
5.5
30
0.8
18.4
1.2
1.15
Physical Data
L
D
f
d
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07. 11
Note 1 - dimension relates only to bulk packed product.
1
Precision Metal
Film Resistors
RC series
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com