Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 3 Page - TT Electronics.

Part # SC3
Description  High Power Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC3 Datasheet(HTML) 3 Page - TT Electronics.

  SC3_17 Datasheet HTML 1Page - TT Electronics. SC3_17 Datasheet HTML 2Page - TT Electronics. SC3_17 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Power
Chip Resistors
SC3 Series
Type
SC3
-
33R
F
I
Resistance value
(IEC62 code)
Tolerance
(IEC62
Packing
code)
High Power
Chip Resistors
SC3 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue A · 03.02
Welwyn Components
86
Packaging
LRF3W Resistors are supplied taped and reeled as per IEC 286-3. The standard quantity per reel is 1800 parts.
Tape dimensions in mm
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
nom
±0.15
LRF3W
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
F
1%
G
2%
J
5%
Ordering Procedure
Specify type reference etc. as shown in this example of
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
0.8 ± 0.15
13 ± 0.5mm
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
SC3 Resistors are supplied taped and reeled as per IEC 286-3. The standard quantity per reel is 1800 parts.
SC3
SC3 at 33 1% on a reel of 1800 pieces:
04.10
Ω
I
Tape
SC3
1800/reel
Standard
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: SC3-33RFI (33 ohms ±1%, Pb-free)
S
C
3
-
3
3
R
F
I
1
2
3
4
USA (IRC) Part Number: SCW-SC3LF-33R0F (33 ohms ±1%, Pb-free)
S
C W
-
S
C
3
L
F
-
3
3
R
0
F
1
2
3
4
5
1
2
3
4
Type
Value
Tolerance
Packing
SC3 E24 = 3/4 characters
F = ±1%
I = Standard
E96 = 3/4 characters
G = ±2%
1800/reel
R = ohms
J = ±5%
K = kilohms
1
2
3
4
5
Family Model
Termination
Value
Tolerance
SCW
SC3
Omit for SnPb 3 digits + multiplier
F = ±1%
LF = Pb-free
R = ohms for
values <100 ohms
G = ±2%
J = ±5%
Note: packaging is tape & reel, 1800/reel
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: SC3-33RFI (33 ohms ±1%, Pb-free)
S
C
3
-
3
3
R
F
I
1
2
3
4
USA (IRC) Part Number: SCW-SC3LF-33R0F (33 ohms ±1%, Pb-free)
S
C W
-
S
C
3
L
F
-
3
3
R
0
F
1
2
3
4
5
1
2
3
4
Type
Value
Tolerance
Packing
SC3 E24 = 3/4 characters
F = ±1%
I = Standard
E96 = 3/4 characters
G = ±2%
1800/reel
R = ohms
J = ±5%
K = kilohms
1
2
3
4
5
Family Model
Termination
Value
Tolerance
SCW
SC3
Omit for SnPb 3 digits + multiplier
F = ±1%
LF = Pb-free
R = ohms for
values <100 ohms
G = ±2%
J = ±5%
Note: packaging is tape & reel, 1800/reel
09.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com