Electronic Components Datasheet Search
  English  ▼

X  

SY89321L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89321L
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89321L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89321L Datasheet HTML 1Page - Micrel Semiconductor SY89321L Datasheet HTML 2Page - Micrel Semiconductor SY89321L Datasheet HTML 3Page - Micrel Semiconductor SY89321L Datasheet HTML 4Page - Micrel Semiconductor SY89321L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Precision Edge™
SY89321L
Micrel
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) .................................. –0.5V to +3.8V
Input Voltage (V
IN) ......................................... –0.5V to VCC
LVTT Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Current (V
BB)
Source or sink current on V
BB, Note 3 ................ ±1.5mA
Lead Temperature (soldering, 10 sec.) ................... +220
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage (V
CC) ...................................... 3.0V to 3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance, Note 4
MLF™ (
θ
JA)
Still-Air ................................................................. 93
°C/W
500lfpm ............................................................... 87
°C/W
MLF™ (
Ψ
JB)
Junction-to-Board ................................................ 60
°C/W
V
CC = +3.3V ±10%
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OS
Output Short Circuit Current
V
OUT = 0V, Note 5
–80
—–275
mA
I
CC
Power Supply Current
—
14
20
mA
V
OH
Output HIGH Voltage
I
OH = –3.0mA
2.0
——
V
V
OL
Output LOW Voltage
I
OL = 24mA
——
0.5
V
LVTTL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10%; TA = –40°C to +85°C unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
V
CC–1.165
—
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
—
V
CC–1.475
V
V
BB
Bias Voltage
V
CC–1.38
V
CC–1.32
V
CC–1.26
V
I
IH
Input HIGH Current
——
150
µA
I
IL
Input LOW Current IN
0.5
——
µA
Input LOW Current /IN
–300
——
µA
LVPECL DC ELECTRICAL CHARACTERISTICS
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Due to the limited drive capability use for input of the same package only.
Note 4.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential (GND) on the PCB.
Note 5.
Max. limit only applicable for short durations, not for continuous operation!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com