Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5507PGE Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507PGE
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5507PGE Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5507PGE Datasheet HTML 35Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 36Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 37Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 38Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 39Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 40Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 41Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 42Page - Texas Instruments TMS320VC5507PGE Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 135 page
background image
Functional Overview
39
April 2004 − Revised January 2005
SPRS244C
3.5.1 External Bus Selection Register (EBSR)
The External Bus Selection Register determines the mapping of the 14 (LQFP) or 21 (BGA) address signals,
16 data signals, and 15 control signals of the external parallel port. The External Bus Selection Register is
memory-mapped at port address 0x6C00. Once the bit fields of this register are changed, the routing of the
signals takes place on the next CPU clock cycle.
The reset value of the parallel port mode bit field is determined by the state of the GPIO0 pin at reset. If GPIO0
is high at reset, the full EMIF mode is enabled and the parallel port mode bit field is set to 01. If GPIO0 is low
at reset, the HPI multiplexed mode is enabled and the parallel port mode bit field is set to 11. After reset, the
parallel port should be selected to function in either EMIF mode or HPI mode. Dynamic switching of the parallel
port, once configured, is not recommended.
15
14
13
12
11
10
9
8
CLKOUT
Disable
OSC Disable
HIDL
BKE
SR STAT
HOLD
HOLDA
CKE SEL
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 1
R/W, 0
7
6
5
2
1
0
CKE EN
SR CMD
Reserved
(see NOTE)
Parallel Port
Mode
R/W, 0
R/W, 0
R, 0000
R/W, 01 if GPIO0 = 1
11 if GPIO0 = 0
LEGEND: R = Read, W = Write, n = value after reset
NOTE: These bits are Reserved and must be kept as 0000 during any writes to EBSR.
Figure 3−5. External Bus Selection Register
Table 3−5. External Bus Selection Register Bit Field Description
BITS
DESCRIPTION
15
CLKOUT disable.
CLKOUT disable = 0:
CLKOUT enabled
CLKOUT disable = 1:
CLKOUT disabled
14
Oscillator disable. Works with IDLE instruction to put the clock generation domain into IDLE mode.
OSC disable = 0:
Oscillator enabled
OSC disable = 1:
Oscillator disabled
13
Host mode idle bit. (Applicable only if the parallel bus is configured as EHPI.)
When the parallel bus is set to EHPI mode, the clock domain is not allowed to go to idle, so a host processor can
access the DSP internal memory. The HIDL bit works around this restriction and allows the DSP to idle the clock
domain and the EHPI. When the clock domain is in idle, a host processor will not be able to access the DSP
memory.
HIDL = 0:
Host access to DSP enabled. Idling EHPI and clock domain is not allowed.
HIDL = 1:
Idles the HPI and the clock domain upon execution of the IDLE instruction when the parallel
port mode is set to 10 or 11 selecting HPI mode. In addition, bit 4 of the Idle Control Register
must be set to 1 prior to the execution of the IDLE instruction.
12
Bus keeper enable.†
BKE = 0:
Bus keeper, pullups/pulldowns enabled
BKE = 1:
Bus keeper, pullups/pulldowns disabled
11
SDRAM self-refresh status bit.
SR STAT = 0: SDRAM self-refresh signal is not asserted.
SR STAT = 1: SDRAM self-refresh signal is asserted
† Function available when the port or pins configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com