Electronic Components Datasheet Search
  English  ▼

X  

52PFR40 Datasheet(PDF) 5 Page - International Rectifier

Part # 52PFR40
Description  STANDARD RECOVERY DIODES GEN II DO5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

52PFR40 Datasheet(HTML) 5 Page - International Rectifier

  52PFR40 Datasheet HTML 1Page - International Rectifier 52PFR40 Datasheet HTML 2Page - International Rectifier 52PFR40 Datasheet HTML 3Page - International Rectifier 52PFR40 Datasheet HTML 4Page - International Rectifier 52PFR40 Datasheet HTML 5Page - International Rectifier 52PFR40 Datasheet HTML 6Page - International Rectifier 52PFR40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
50PF (R)...(W) Series
5
Bulletin I20105 rev. D 01/05
www.irf.com
1
10
100
1000
01
23
4
Tj = 25˚C
50PF(R) Series
Tj = 180˚C
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.51 K/W
(DC Operation)
50PF(R) Series
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Square Wave Pulse Duration (s)
Fig. 8 - Thermal Impedance ZthJC Characteristics
200
300
400
500
600
700
800
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
50PF(R) Series
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100
200
300
400
500
600
700
800
900
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
50PF(R) Series
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non -Repetitive Surge Current
Pulse Train Duration (s)
Fig. 6 - Maximum Non -Repetitive Surge Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com