Electronic Components Datasheet Search
  English  ▼

X  

WSL3921 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip Resistors, Low Value, Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Metal Strip® Resistors, Low Value, Surface Mount
www.vishay.com
For technical questions contact: ww2bresistors@vishay.com
Document Number: 30110
206
Revision: 29-Mar-05
WSL3921 and WSL5931
Vishay Dale
FEATURES
• Ideal for all types of current sensing, voltage division and
pulse applications including switching and linear power
supplies, instruments, power amplifiers
• Proprietary processing technique produces extremely low
resistance values
• All welded construction
• Solid metal Iron-chrome or Manganese-copper alloy
resistive element
• Very low inductance 0.5nH to 5nH
• Excellent frequency response
• Low thermal EMF
• Part Marking: no part marking on these parts
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70°C
W
TOLERANCE
%
RESISTANCE VALUES
AVAILABLE
m
Ω
WEIGHT
(TYPICAL)
g/1000 pcs
WSL3921
3.0
1.0 & 5.0
0.3, 0.5, 1, 2, 3, 4
281
WSL5931
5.0
1.0 & 5.0
0.2, 0.3, 0.5, 1, 2, 3
398
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 175 for 0.3m
Ω and 0.5mΩ, ± 75 for 1mΩ to 4mΩ
Operating Temperature Range
°C
- 65 / + 170
Maximum Working Voltage
V
(P x R)1/2
GLOBAL MODEL
SPECIAL
WSL3637
L = Milliohm
F =
± 1.0%
EA = Lead Free, Tape/Reel
(Dash Number)
WSL5931
L5000 = 0.0005
Ω
J =
± 5.0%
EK = Lead Free, Bulk
(up to 2 digits)
From 1-99 as
applicable
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSL3921L5000FEA
W
S
L
3
9
21L
50
00
F
E
A
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE


Similar Part No. - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSL3921 VISHAY-WSL3921 Datasheet
102Kb / 4P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
10-Jan-14
WSL3921 VISHAY-WSL3921 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSL3921 VISHAY-WSL3921 Datasheet
147Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
Revision: 29-Aug-2025
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
11-Nov-10
More results

Similar Description - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
11-Sep-04
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
31-Jul-08
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value
06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value
06-Jun-12
WSR5R0150FTA VISHAY-WSR5R0150FTA Datasheet
91Kb / 3P
Power Metal Strip Resistors, Low Value (down to 0.001), Surface Mount
18-Jan-13
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
Power Metal Strip Resistors, High Power Low Value, Surface Mount
09-Sep-11
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
06-Jun-12
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
17-Jan-13
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
Power Metal Strip Resistors, Low Value
05-Mar-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com