Electronic Components Datasheet Search
  English  ▼

X  

74HC164 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC164
Description  8-bit serial-in, parallel-out shift register
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC164 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC164 Datasheet HTML 9Page - NXP Semiconductors 74HC164 Datasheet HTML 10Page - NXP Semiconductors 74HC164 Datasheet HTML 11Page - NXP Semiconductors 74HC164 Datasheet HTML 12Page - NXP Semiconductors 74HC164 Datasheet HTML 13Page - NXP Semiconductors 74HC164 Datasheet HTML 14Page - NXP Semiconductors 74HC164 Datasheet HTML 15Page - NXP Semiconductors 74HC164 Datasheet HTML 16Page - NXP Semiconductors 74HC164 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
9397 750 14693
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 April 2005
13 of 24
Philips Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
Table 10:
Dynamic characteristics for 74HCT164
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH propagation delay
CP to Qn
VCC = 4.5 V;
see Figure 7
-
1736ns
tPHL
propagation delay
MR to Qn
VCC = 4.5 V;
see Figure 8
-
1938ns
tTHL, tTLH output transition time
VCC = 4.5 V;
see Figure 7
-
7
15
ns
tW
clock pulse width;
HIGH or LOW
VCC = 4.5 V;
see Figure 7
18
7
-
ns
master reset pulse width;
LOW
VCC = 4.5 V;
see Figure 8
18
10
-
ns
trem
removal time MR to CP
VCC = 4.5 V;
see Figure 8
16
7
-
ns
tsu
set-up time
DSA, and DSB to CP
VCC = 4.5 V;
see Figure 9
12
6
-
ns
th
hold time DSA, and DSB
to CP
VCC = 4.5 V;
see Figure 9
+4
−2-
ns
fmax
maximum clock pulse
frequency
VCC = 4.5 V;
see Figure 7
27
55
-
MHz
Tamb = −40 °C to +85 °C
tPHL, tPLH propagation delay
CP to Qn
VCC = 4.5 V;
see Figure 7
--45
ns
tPHL
propagation delay
MR to Qn
VCC = 4.5 V;
see Figure 8
--48
ns
tTHL, tTLH output transition time
VCC = 4.5 V;
see Figure 7
--19
ns
tW
clock pulse width;
HIGH or LOW
VCC = 4.5 V;
see Figure 7
23
--ns
master reset pulse width;
LOW
VCC = 4.5 V;
see Figure 8
23
--ns
trem
removal time MR to CP
VCC = 4.5 V;
see Figure 8
20
--ns
tsu
set-up time
DSA, and DSB to CP
VCC = 4.5 V;
see Figure 9
15
--ns
th
hold time DSA, and DSB
to CP
VCC = 4.5 V;
see Figure 9
4
--ns
fmax
maximum clock pulse
frequency
VCC = 4.5 V;
see Figure 7
22
-
-
MHz
Tamb = −40 °C to +125 °C
tPHL, tPLH propagation delay
CP to Qn
VCC = 4.5 V;
see Figure 7
--54
ns
tPHL
propagation delay
MR to Qn
VCC = 4.5 V;
see Figure 8
--57
ns
tTHL, tTLH output transition time
VCC = 4.5 V;
see Figure 7
--22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com