Electronic Components Datasheet Search
  English  ▼

X  

PE3C3243 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3243
Description  N Male Right Angle to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3243 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3243 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3243 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3243 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3243 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3243 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: N Male Right Angle
• Connector 2: TNC Male
• Cable Type: PE-P300LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.40:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS Compliant
• Same day shipment of custom lengths
• 100% Continuity and RF tested
.
Description
The PE3C3243 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance
up to 18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environ-
ments where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to
18 GHz. A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable
assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB.
All PE3C3243 cable assemblies are 100% Continuity and RF tested to published specifications. Custom lengths are built to
order and shipped same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Right Angle to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3243
PE3C3243 REV 1.0
N Male Right Angle to TNC Male Low Loss Test
Cable Using PE-P300LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C3243


Similar Part No. - PE3C3243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3243-100CM PASTERNACK-PE3C3243-100CM Datasheet
417Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 100 cm Length Using PE-P300LL Coax, RoHS
PE3C3243-12 PASTERNACK-PE3C3243-12 Datasheet
416Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C3243-150CM PASTERNACK-PE3C3243-150CM Datasheet
417Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE3C3243-200CM PASTERNACK-PE3C3243-200CM Datasheet
417Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 200 cm Length Using PE-P300LL Coax, RoHS
PE3C3243-24 PASTERNACK-PE3C3243-24 Datasheet
416Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results

Similar Description - PE3C3243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330 PASTERNACK-PE330 Datasheet
355Kb / 5P
N Male to N Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C1617 PASTERNACK-PE3C1617 Datasheet
418Kb / 5P
SMA Male Right Angle to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3233 PASTERNACK-PE3C3233 Datasheet
416Kb / 5P
N Male Right Angle to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3236 PASTERNACK-PE3C3236 Datasheet
418Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3238 PASTERNACK-PE3C3238 Datasheet
418Kb / 5P
SMA Male Right Angle to N Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3240 PASTERNACK-PE3C3240 Datasheet
416Kb / 5P
N Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3242 PASTERNACK-PE3C3242 Datasheet
416Kb / 5P
SMA Male to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3243-36 PASTERNACK-PE3C3243-36 Datasheet
417Kb / 5P
N Male Right Angle to TNC Male Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3244 PASTERNACK-PE3C3244 Datasheet
415Kb / 5P
N Female to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3C3251 PASTERNACK-PE3C3251 Datasheet
417Kb / 5P
SMA Male to N Male Right Angle Low Loss Test Cable Using PE-P300LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com