Electronic Components Datasheet Search
  English  ▼

X  

74LVC38A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC38A
Description  Quad 2-input NAND gate (open drain)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC38A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC38A Datasheet HTML 4Page - NXP Semiconductors 74LVC38A Datasheet HTML 5Page - NXP Semiconductors 74LVC38A Datasheet HTML 6Page - NXP Semiconductors 74LVC38A Datasheet HTML 7Page - NXP Semiconductors 74LVC38A Datasheet HTML 8Page - NXP Semiconductors 74LVC38A Datasheet HTML 9Page - NXP Semiconductors 74LVC38A Datasheet HTML 10Page - NXP Semiconductors 74LVC38A Datasheet HTML 11Page - NXP Semiconductors 74LVC38A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2004 Mar 22
8
Philips Semiconductors
Product specification
Quad 2-input NAND gate (open drain)
74LVC38A
AC WAVEFORMS
handbook, full pagewidth
MNA700
tPLZ
VX
(3)
nY output
nA, nB input
VI
VCC
VM
(1)
VOL
(2)
GND
tPZL
VM
(1)
Fig.6 The input nA, nB to output nY propagation delays.
(1) VM = 1.5 V at VCC ≥ 2.7 V.
VM = 0.5VCC at VCC < 2.7 V.
(2) VOL and VOH are typical output voltage drop that occur with the output load.
(3) VX =VOL + 0.3 V at VCC ≥ 2.7 V.
VX =VOL + 0.15 V at VCC < 2.7 V.
Fig.7 Load circuitry for switching times.
Definitions for test circuits:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
tr =tf ≤ 2.5 ns; when measuring fmax, there is no constraint on tr, tf with 50% duty factor.
Note
1. The circuit performs better when RL = 1000 Ω.
VCC
VEXT
VI
CL
RL
1.2
2
× VCC
VCC
30 pF
500
Ω(1)
2.7
6 V
2.7 V
50 pF
500
Ω
3.3 to 3.6
6 V
2.7 V
50 pF
500
Ω
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com