Electronic Components Datasheet Search
  English  ▼

X  

MPM-05MM Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-05MM
Description  Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-05MM Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-05MM Datasheet HTML 1Page - MicroPower Direct, LLC MPM-05MM Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.25)
Pin
Function
1
AC-Neutral
2
AC-Line
3
No Connection
4-VOUT
5+VOUT
Pin Connections
Notes:
1
. Inrush current is given for a cold start at 25°C.
2. No load power consumption meets the standby power consumption limits in
the European ERP Directive 2009/125/EC.
3. Ripple & Noise is specified over a range of 0 - 20 MHz. It is measured with a
1 µF/50V MLCC connected from +VOUT to -VOUT.
4. Over voltage protection is provided by a zener diode clamp.
5. Output short circuit protection is provided by a “hiccup mode” circuit. The
unit recovers automatically when the fault condition is removed.
6. Output overload protection is provided by a fold back current limiting circuit
with auto-recovery. A long-term overload could damage the unit.
7. Operation at no-load will not damage these units. However, they may not meet
all specifications.
8. Peak load is specified as lasting <30s with a maximum duty cycle of 10%
The average power should not exceed the maximum power rating.
9. It is recommended that an external slow blow fuse also be used on the input
for protection. See the table above for the correct rating.
Model
Number
Input
Current
(mA Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage
(VDC)
Current (mA)
115 VAC
Max.
Min.
Peak
MPM-05S-03MM (C)
117
3.3
1,515
0.0
1,970
74
2,200
1,000
MPM-05S-05MM (C)
108
5.0
1,000
0.0
1,300
80
1,000
1,000
MPM-05S-09MM (C)
106
9.0
555
0.0
721
82
300
1,000
MPM-05S-12MM (C)
106
12.0
416
0.0
540
82
160
1,000
MPM-05S-15MM (C)
104
15.0
333
0.0
433
83
100
1,000
MPM-05S-24MM (C)
104
24.0
208
0.0
270
83
43
1,000
MPM-05S-48MM (C)
102
48.0
104
0.0
135
85
10
1,000
Derating Curve
Other outputs may be available
Contact the factory for details at:
sales@micropowerdirect.com
Chassis Mount
Board Mount
To order a chassis mount version, add a “C” to the model number
(i.e. MPM-05S-15MMC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com