Electronic Components Datasheet Search
  English  ▼

X  

CP2615 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2615
Description  USB Audio to I2S Digital Audio Bridge
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2615 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2615 Datasheet HTML 1Page - Silicon Laboratories CP2615 Datasheet HTML 2Page - Silicon Laboratories CP2615 Datasheet HTML 3Page - Silicon Laboratories CP2615 Datasheet HTML 4Page - Silicon Laboratories CP2615 Datasheet HTML 5Page - Silicon Laboratories CP2615 Datasheet HTML 6Page - Silicon Laboratories CP2615 Datasheet HTML 7Page - Silicon Laboratories CP2615 Datasheet HTML 8Page - Silicon Laboratories CP2615 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
2.1.3 Reset
Table 2.3. Reset Electrical Characteristics 1
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
RSTb Input High Voltage
0.7 x VDD
—
—
V
RSTb Input Low Voltage
—
—
0.3 x VDD
V
Minimum RSTb Low Time to Gen-
erate a System Reset
15
—
—
µs
RSTb Input Pullup Current
RSTb = 0.0 V
—
15
40
µA
VDD Ramp Time for Power On
—
—
1
ms
I2C Slave Mode delay after reset
RSTb high to first I2C transaction
100
—
—
ms
Note:
1. –40 to +85 °C unless otherwise specified.
2.1.4 Voltage Regulator
Table 2.4. Voltage Regulator Electrical Specifications 1
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage Range
2.7
—
5.25
V
Output Voltage
Output Current = 1 to 100 mA
3.0
3.3
3.6
V
Note:
1. –40 to +85 °C unless otherwise specified.
2.1.5 GPIO Output
Table 2.5. GPIO Output Specifications 1
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
GPIO.12/CLKOUT frequency
fOUT 2
fOUT x
0.985
fOUT
fOUT x
1.015
Hz
Note:
1. –40 to +85 °C unless otherwise specified.
2. fOUT is the CLKOUT frequency programmed by configuration.
CP2615 Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.1 | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com