Electronic Components Datasheet Search
  English  ▼

X  

2N4124 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N4124
Description  NPN Silicon General Purpose Transistor 625mW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4124 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N4124 Datasheet HTML 1Page - Micro Commercial Components 2N4124 Datasheet HTML 2Page - Micro Commercial Components 2N4124 Datasheet HTML 3Page - Micro Commercial Components 2N4124 Datasheet HTML 4Page - Micro Commercial Components 2N4124 Datasheet HTML 5Page - Micro Commercial Components 2N4124 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IE= 0)
2N4123
2N4124
V(BR)CEO
30
2
5
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
2N4123
2N4124
V(BR)CBO
40
30
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
—
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
ICBO
—
50
nAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
—
50
nAdc
ON CHARACTERISTICS(1)
DC Current Gain
(IC =2.0 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
hFE
50
120
—
—
Collector – Emitter Saturation Voltage
(IC = 50mAdc, IB = 5.0 mAdc)
VCE(sat)
—
0.
3
Vdc
Base–Emitter Saturation Voltage
(IC = 50mAdc, IB = 5.0 mAdc)
VBE(sat)
—
0.
95
Vdc
2N4123
2N4124
2N4124
2N4123
60
25
















SMALL-SIGNAL CHARACTERISTICS
   
   !2N4123
 2N4124


%
$



 
&&
'% ' !


('
&)
** +&
%' ' !


#'
&)
2N4123
2N4124
M C C
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 6




















*+3+4*+5 $µ+611*'7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com