Electronic Components Datasheet Search
  English  ▼

X  

2SA684 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA684
Description  PNP Epitaxialb Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA684 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA684 Datasheet HTML 1Page - Micro Commercial Components 2SA684 Datasheet HTML 2Page - Micro Commercial Components 2SA684 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
x
Low Frequency Power Amplifier.
x
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
2SA684
PNP Epitaxial
Silicon Transistor
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-50
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-1.0
A
PC
Collector power dissipation
0.75
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVCBO
Collector-Base Breakdown Voltage
(IC=-10
Adc, IE=0)
-60
---
---
Vdc
BVCEO
Collector-Emitter Breakdown Voltage
(IC=-2mAdc, IB=0)
-50
---
---
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE=-10
µAdc, I
C=0)
-5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-20Vdc,IE=0)
---
---
-100
nAdc
ON CHARACTERISTICS
hFE
DC Current gain
(IC=-500mAdc, VCE=-10Vdc)
85
---
340
---
VBE(sat)
Base-Emitter Saturation Voltage
(IB=-50mAdc, IC=-500mAdc)
---
-0.85
-1.2
Vdc
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mAdc, IB=-50mAdc)
---
-0.2
-0.4
Vdc
fT
Current Gain Bandwidth Product
(VCE=-10Vdc, IC=50mAdc,f=200MHz)
---
200
---
MHz
Cob
Output Capacitance
(VCB=-10Vdc, IE=0, f=1.0MHz)
---
20
30
pF
(1) hFE Classification Q: 85~170, R: 120~240 ,S:170~340
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
13/01/01
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of
3
TO-92L
DIMENSIONS
MM
INCHES
DIM
MIN
MAX
MIN
MAX
NOTE
A
3.700
4.100
.146
.161
B
4.000
---
.157
---
C
0.000
0.300
0.000
0.012
D
0.350
0.450
.014
.018
E
1.280
1.580
.050
.062
F
4.700
5.100
.185
.201
G
7.800
8.200
.307
.323
H
13.80
14.20
.543
.559
J
.600
.800
.024
.031
K
0.350
.550
.014
.022
1.270
.050
2.440
2.640
.096
.104
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
4.400
5.600
.173
.220
2.200
2.800
.086
.110
Straight Lead
Bent Lead
Straight Lead
Bent Lead
L
M
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SA684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA684 PANASONIC-2SA684 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA684 PANASONIC-2SA684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SA684 UTC-2SA684 Datasheet
68Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
2SA684 ETC-2SA684 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
2SA684 SECOS-2SA684 Datasheet
236Kb / 3P
PNP Transistor
More results

Similar Description - 2SA684

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com