Electronic Components Datasheet Search
  English  ▼

X  

ALD4701DB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4701DB
Description  QUAD MICOPOWER RAIL TO RAIL CMOS OPERATIOANAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4701DB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4701DB Datasheet HTML 1Page - Advanced Linear Devices ALD4701DB Datasheet HTML 2Page - Advanced Linear Devices ALD4701DB Datasheet HTML 3Page - Advanced Linear Devices ALD4701DB Datasheet HTML 4Page - Advanced Linear Devices ALD4701DB Datasheet HTML 5Page - Advanced Linear Devices ALD4701DB Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GENERAL DESCRIPTION
The ALD4701 is a quad monolithic CMOS micropower high slew rate
operational amplifier intended for a broad range of analog applications
using
±1V to ±6V dual power supply systems, as well as +2V to +12V
battery operated systems. All device characteristics are specified for +5V
single supply or
±2.5V dual supply systems. Total supply current for all four
operational amplifiers is 1mA maximum at 5V supply voltage. It is
manufactured with Advanced Linear Devices' enhanced ACMOS silicon
gate CMOS process.
The ALD4701 is designed to offer a trade-off of performance parameters
providing a wide range of desired specifications. It offers the popular
industry standard pin configuration of LM324 types and ICL 7641 types.
The ALD4701 has been developed specifically for the +5V single supply or
±1V to ±6V dual supply user. Several important characteristics of the
device make application easier to implement at these voltages.
First, each operational amplifier can operate with rail to rail input and output
voltages. This means the signal input voltage and output voltage can be
equal to or near to the positive and negative supply voltages. This feature
allows numerous analog serial stages and flexibility in input signal bias
levels. Secondly, each device was designed to accommodate mixed
applications where digital and analog circuits may operate off the same
power supply or battery. Thirdly, the output stage can typically drive up to
50pF capacitive and 10K
Ω resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 700KHz, a slew rate of
0.7V/
µs, low power dissipation of 5mW, low offset voltage and temperature
drift, make the ALD4701 a versatile, micropower quad operational amplifier.
The ALD4701, designed and fabricated with silicon gate CMOS technology,
offers 1pA typical input bias current. Due to low voltage and low power
operation, reliability and operating characteristics, such as input bias
currents and warm up time, are greatly improved.
APPLICATIONS
• Voltage follower/buffer/amplifier
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
FEATURES
• All parameters specified for +5V single
supply or
±2.5V dual supply systems
• Rail-to-rail input and output voltage ranges
• Unity gain stable
• Extremely low input bias currents -- 1.0pA
• High source impedance applications
• Dual power supply
±1.0V to ±6.0V
• Single power supply +2V to +12V
• High voltage gain
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/
µs
• Low power dissipation
• Symmetrical output drive
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701A/ALD4701B
ALD4701
ADVANCED
LINEAR
DEVICES, INC.
PIN CONFIGURATION
DB, PB, SB PACKAGE
IN + B
IN - B
OUT B
OUT D
IN - D
IN + D
IN + C
IN - C
OUT C
OUT A
IN -A
V+
V-
1
14
IN + A
2
3
13
12
11
10
9
8
4
5
6
7
ORDERING INFORMATION
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD4701A DB
ALD4701A SB
ALD4701A PB
ALD4701B DB
ALD4701B SB
ALD4701B PB
ALD4701 DB
ALD4701 SB
ALD4701 PB
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD4701DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4701DB ALD-ALD4701DB Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD4701DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com