Electronic Components Datasheet Search
  English  ▼

X  

MMBTA63 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBTA63
Description  PNP Darlington Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA63 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBTA63 Datasheet HTML 1Page - Micro Commercial Components MMBTA63 Datasheet HTML 2Page - Micro Commercial Components MMBTA63 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTA63
PNP Darlington
Transistor
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current, Continuous
0.5
A
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Thermal Characteristics
Symbol
Rating
Max
Unit
PC
Collector Power Dissipation*
300
mW
RJA
Thermal Resistance, Junction to Ambient
417
OC/W
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-base breakdown voltage
(IC=100uAdc, IE=0)
30
---
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
---
100
nAdc
IEBO
Emitter Cutoff Current
(VEB=10Vdc, IC=0)
---
100
nAdc
ON CHARACTERISTICS
hFE1
DC Current Gain
(VCE=5.0Vdc, IC=10mAdc)
5000
10000
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=0.1mAdc)
---
1.5
Vdc
VBE(sat)
Base-Emitter On Voltage
(IC=100mAdc, VCE=5.0Vdc)
---
2.0
Vdc
fT
Current-Gain—Bandwidth Product
(IC=10mAdc, VCE=5.0Vdc, f=100MHz)
125
---
MHz
•
This device is designed for applications requiring extremely high
current gain at 500mA.
•
Marking :
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
Revision:
A
20
13/01/01
 omponents
20736 Marilla Street Chatsworth

  !"#
$ %    !"# 
M C C
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 3
V(BR)EBO
Emitter-base breakdown voltage
(IE=100uAdc, IC=0)
10
---
Vdc
MMBTA64
MMBTA63: 2U
MMBTA64: 2V
hFE2
DC Current Gain
20000
---
---
(VCE=5.0Vdc, IC=100mA)
10000
---
MMBTA63
MMBTA64
MMBTA63
MMBTA64
---
---
V(BR)CBO
Collector-emitter breakdown voltage
(IC=100uAdc, IB=0)
30
---
Vdc
•
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
K
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMBTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA63 SAMSUNG-MMBTA63 Datasheet
64Kb / 2P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA63 FAIRCHILD-MMBTA63 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63 Datasheet
46Kb / 2P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 3 - 2
logo
KEC(Korea Electronics)
MMBTA63 KEC-MMBTA63 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
More results

Similar Description - MMBTA63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
PNP Darlington transistor
2004 Nov 11
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
Darlington Transistor (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com