Electronic Components Datasheet Search
  English  ▼

X  

CYW150 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CYW150
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CYW150 Datasheet(HTML) 4 Page - Silicon Laboratories

  CYW150 Datasheet HTML 1Page - Silicon Laboratories CYW150 Datasheet HTML 2Page - Silicon Laboratories CYW150 Datasheet HTML 3Page - Silicon Laboratories CYW150 Datasheet HTML 4Page - Silicon Laboratories CYW150 Datasheet HTML 5Page - Silicon Laboratories CYW150 Datasheet HTML 6Page - Silicon Laboratories CYW150 Datasheet HTML 7Page - Silicon Laboratories CYW150 Datasheet HTML 8Page - Silicon Laboratories CYW150 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CYW150
........................ Document #: 38-07177 Rev. *B Page 4 of 14
Spread Spectrum Generator
The device generates a clock that is frequency modulated in
order to increase the bandwidth that it occupies. By increasing
the bandwidth of the fundamental and its harmonics, the ampli-
tudes of the radiated electromagnetic emissions are reduced.
This effect is depicted in Figure 3.
As shown in Figure 3, a harmonic of a modulated clock has a
much lower amplitude than that of an unmodulated signal. The
reduction in amplitude is dependent on the harmonic number
and the frequency deviation or spread. The equation for the
reduction is
dB = 6.5 + 9*log10(P) + 9*log10(F)
Where P is the percentage of deviation and F is the frequency
in MHz where the reduction is measured.
The output clock is modulated with a waveform depicted in
Figure 4. This waveform, as discussed in “Spread Spectrum
Clock Generation for the Reduction of Radiated Emissions” by
Bush, Fessler, and Hardin produces the maximum reduction
in the amplitude of radiated electromagnetic emissions. The
deviation selected for this chip is specified in Table 6. Figure 4
details the Cypress spreading pattern. Cypress does offer
options with more spread and greater EMI reduction. Contact
your local Sales representative for details on these devices.
Spread Spectrum clocking is activated or deactivated by
selecting the appropriate values for bits 1–0 in data byte 0 of
the SMBus data stream. Refer to Table 7 for more details.
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
CYW150
VDD
Clock Load
R
10 k
Output
Buffer
Output
Low
Output Strapping Resistor
Series Termination Resistor
Jumper Options
Resistor Value R
Figure 2. Input Logic Selection Through Jumper Option
Figure 3. Clock Harmonic with and without SSCG Modulation Frequency Domain Representation
SSFTG
Typical Clock
Frequency Span (MHz)
–1.0
+1.0
0
–0.5%
–SS%
+SS%
5 dB/div
+0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com