Electronic Components Datasheet Search
  English  ▼

X  

MMST2222A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMST2222A
Description  NPN Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST2222A Datasheet(HTML) 1 Page - Micro Commercial Components

  MMST2222A Datasheet HTML 1Page - Micro Commercial Components MMST2222A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMST2222A
NPN
Plastic-Encapsulate
Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
ICBO
Collector Cut-off Current
(VCB=70V, IE=0)
100
mA
ICEO
Collector Cut-off Current
(VCE=35V, IB=0)
100
mA
IEBO
Emitter Cut-off Current
(VEB=3V, IC=0)
100
mA
PC
Power dissipation
(1)
200
mW
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS (2)
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
40
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10mAdc, IE=0)
75
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
6.0
---
Vdc
ON CHARACTERISTICS(2)
hFE
DC Current Gain
(IC=150mAdc, VCE=10Vdc)
(IC=1.0mAdc, VCE=10Vdc)
100
50
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
0.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
1.2
Vdc
fT
Transition Frequency
(VCE=20V, IC=20mA, f=100MHz)
300
---
Hz
Cob
Output Capacitance
(VCB=10V, IE=0mA, f=1MHz)
---
8
pF
td
Delay Time
(VCC=30V , Icc=150mA ,VBE(off)=0.5V,
IB1=15mA)
---
10
ns
tr
Rise Time
(VCC=30V , Icc=150mA ,VBE(off)=0.5V,
IB1=15mA)
---
25
ns
ts
Storage Time
(VCC=30V , Icc=150mA , IB1=IB2=15mA)
---
225
ns
tf
Fall Time
(VCC=30V , Icc=150mA , IB1=IB2=15mA)
---
60
ns
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/09/24
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
•
Power Dissipation: 0.2W
•
Ultra-small surface mount package
•
Marking: K3P
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
mm
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMST2222A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST2222A TRSYS-MMST2222A Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST2222A ROHM-MMST2222A Datasheet
79Kb / 3P
NPN Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST2222A DIODES-MMST2222A Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30080 Rev. 1 - 2
MMST2222A DIODES-MMST2222A Datasheet
84Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30080 Rev. 8 - 2
logo
Comchip Technology
MMST2222A COMCHIP-MMST2222A Datasheet
126Kb / 4P
GENERAL PURPOSE TRANSISTORS
More results

Similar Description - MMST2222A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com