Electronic Components Datasheet Search
  English  ▼

X  

MMST2907A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMST2907A
Description  PNP Small Signal Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST2907A Datasheet(HTML) 1 Page - Micro Commercial Components

  MMST2907A Datasheet HTML 1Page - Micro Commercial Components MMST2907A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMST2907A
PNP Small Signal
Transistors
Features
•
Power dissipation: 200mW (Tamb=25 )
•
Collector current: -0.6A
•
Marking Code: K3F
•
Operating and Storage junction temperature range
-55
to + 150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS (2)
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-10mAdc, IB=0)
-60
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10uAdc, IE=0)
-60
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10uAdc, IC=0)
-5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-50Vdc, IE=0Vdc)
---
-0.01
µAdc
ICEO
Collector Cutoff Current
(VCE=-35Vdc, IB=0Vdc)
---
-0.05
µAdc
IEBO
Emitter Cutoff Current
(VEB=-3Vdc, IC=0Vdc)
---
-0.01
µAdc
hFE
DC Current Gain
(IC=-150mAdc, VCE=-10Vdc)
(IC=-1mAdc, VCE=-10Vdc)
100
100
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mAdc, IB=-50mAdc)
---
-1.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-500mAdc, IB=-50mAdc)
---
-2.6
Vdc
fT
Current Gain-Bandwidth Product
(VCE=-20Vdc, IC=-50mAdc, f=100MHz)
200
---
MHz
Cob
Output Capacitance
(VCB=-10Vdc, f=1.0MHz, IE=0)
---
8
pF
td
Delay Time
tr
Rise Time
VCC=-30V,IC=-150mA,
VBE(off)=-0.5V,IB1=-15mA
---
---
10
25
ns
ns
ts
Storage Time
tf
Fall Time
VCC=-30V, IC=-150mA,
IB1=IB2=-15mA
---
---
80
30
ns
ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
D
20
14/09/02
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
mm
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMST2907A

ManufacturerPart #DatasheetDescription
logo
Rohm
MMST2907A ROHM-MMST2907A Datasheet
79Kb / 4P
PNP Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMST2907A DIODES-MMST2907A Datasheet
85Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MMST2907A BILIN-MMST2907A Datasheet
133Kb / 3P
PNP Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
MMST2907A RECTRON-MMST2907A Datasheet
615Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
More results

Similar Description - MMST2907A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com