Electronic Components Datasheet Search
  English  ▼

X  

MMSTA42 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMSTA42
Description  NPN Small Signal Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSTA42 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMSTA42 Datasheet HTML 1Page - Micro Commercial Components MMSTA42 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMSTA42
NPN Small Signal
Transistors
Features
•
Epitaxial Planar Die Construction
•
Ideal for Medium Power Amplification and Switching
•
Ultra-small surface mount package
•
Marking : K3M
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
300
V
VCBO
Collector-Base Voltage
300
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current-Continuous
(1) (3)
200
mA
PC
Power dissipation
(1)
200
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
300
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
300
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=100uAdc, IC=0)
6.0
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=200Vdc,IE=0)
---
100
nAdc
IEBO
Emitter-Base Cutoff Current
(VCE=6.0Vdc, IC=0)
---
100
nAdc
ON CHARACTERISTICS
(2)
hFE
DC Current Gain
(IC=1.0mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=30mAdc, VCE=10Vdc)
25
40
40
---
---
---
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=20mAdc, IB=2.0mAdc)
---
0.9
Vdc
SMALL SIGNALCHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=20V, f=100MHz, IC=10mA)
50
---
MHz
CCB
Collector-Base Capacitance
(VCB=20V, f=1.0MHz, IE=0)
---
3.0
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width<300us, duty cycle<2%
3. When operated within safe operating area constraints.
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
D
20
15/07/13
E
B
C
www.mccsemi.com
1 of 2
mm
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
Micro Commercial Components
M C C
TM
•
Maximum Thermal Resistance
: 625°C/W Junction To Ambient


Similar Part No. - MMSTA42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA42 DIODES-MMSTA42 Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 3 - 2
MMSTA42 DIODES-MMSTA42 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
TRANSYS Electronics Lim...
MMSTA42 TEL-MMSTA42 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
MMSTA42 BILIN-MMSTA42 Datasheet
260Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Micro Commercial Compon...
MMSTA42 MCC-MMSTA42 Datasheet
75Kb / 2P
NPN Small Signal Transistors
More results

Similar Description - MMSTA42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com