Electronic Components Datasheet Search
  English  ▼

X  

SMBT5551 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBT5551
Description  NPN General-Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBT5551 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBT5551 Datasheet HTML 1Page - Micro Commercial Components SMBT5551 Datasheet HTML 2Page - Micro Commercial Components SMBT5551 Datasheet HTML 3Page - Micro Commercial Components SMBT5551 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: B
2015/07/27
www.mccsemi.com
Micro Commercial Components
M C C
TM
SMBT5551
2 of 4
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=1mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=120V, IE=0
50
nA
Emitter cut-off current
IEBO
VEB=4V, IC=0
50
nA
hFE(1)
*
VCE=5V, IC=1mA
80
hFE(2)
*
VCE=5V, IC=10mA
100
300
DC current gain
hFE(3)
*
VCE=5V, IC=50mA
30
VCE(sat)1
*
IC=10mA, IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)2
*
IC=50mA, IB=5mA
0.
2
V
VBE(sat)1
*
IC=10mA, IB=1mA
1
V
Base-emitter saturation voltage
VBE(sat)2
*
IC=50mA, IB=5mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA, f=100MHz
100
300
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Typical Characteristics
a
COMMON EMITTER
V
CE=5V
I
C
h
FE
——
=20
μA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
024
68
10
12
0
3
6
9
12
15
18
COMMON
EMITTER
T
a=25
℃
90
μA
80
μA
40
μA
50
μA
70
μA
60
μA
30
μA
I
B
COLLECTOR CURRENT I
C
(mA)
110
100
10
100
500
T
a=25
℃
T
a=100
℃
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com