Electronic Components Datasheet Search
  English  ▼

X  

AP1202LSA Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1202LSA
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202LSA Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1202LSA Datasheet HTML 2Page - Anachip Corp AP1202LSA Datasheet HTML 3Page - Anachip Corp AP1202LSA Datasheet HTML 4Page - Anachip Corp AP1202LSA Datasheet HTML 5Page - Anachip Corp AP1202LSA Datasheet HTML 6Page - Anachip Corp AP1202LSA Datasheet HTML 7Page - Anachip Corp AP1202LSA Datasheet HTML 8Page - Anachip Corp AP1202LSA Datasheet HTML 9Page - Anachip Corp AP1202LSA Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.4 Feb.10, 2004
6/11
Typical Performance Characteristics (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
85
OC
25
OC
-40
OC
Current-Limit Threshold vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
1.0
V
SUPPLY=3.3V
V
SUPPLY=5V
Current-Limit Threshold vs. Temperature
TEMPERATURE (
OC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN FALLING
V
IN RISING
UVLO Threshold vs. Temperature
TEMPERATURE (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com