Electronic Components Datasheet Search
  English  ▼

X  

UML6N Datasheet(PDF) 3 Page - Micro Commercial Components

Part # UML6N
Description  ISOLATED TRANSISTOR AND DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UML6N Datasheet(HTML) 3 Page - Micro Commercial Components

  UML6N Datasheet HTML 1Page - Micro Commercial Components UML6N Datasheet HTML 2Page - Micro Commercial Components UML6N Datasheet HTML 3Page - Micro Commercial Components UML6N Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
Typical Characteristics
www.mccsemi.com
Revision: B
2013/01/01
TM
Micro Commercial Components
3 of 4
Electrical characteristic curves
Tr2
Fig.3 Grounded emitter propagation
characteristics
0
1
100
1000
10
BASE TO EMITTER VOLTAGE : VBE
(V)
1.4
1.0
1.2
0.4
0.6
0.8
0.2
VCE=2V
Pulsed
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs.
collector current
1
10
1000
100
Ta
=125°C
Ta
=−40°C
Ta
=25°C
VCE
=2V
Pulsed
Fig.5 Collector-emitter saturation voltage
vs. collector current (
Ι )
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
1
10
1000
100
Ta=25
°C
Pulsed
IC/IB
=50
IC/IB
=20
IC/IB
=10
Fig.6 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
1
10
1000
100
Ta=125
°C
25
°C
−40°C
IC/IB
=20
Pulsed
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.7 Base-emitter saturation voltage
vs. collector current
10
100
10000
1000
Ta
=25°C
Ta
=−40°C
Ta
=125°C
IC/IB
=20
Pulsed
Fig.8 Gain bandwidth product
vs. emitter current
1
10
100
1000
EMITTER CURRENT : IE (mA)
1
10
1000
100
VCE
=2V
Ta
=25°C
Pulsed
Di1
1
µ
10
µ
100
µ
1m
10m
100m
1
FORWARD VOLTAGE : VF (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
Fig.1 Forward characteristics
10n
100n
1
µ
10
µ
100
µ
1m
10m
REVERSE VOLTAGE : VR (V)
010
20
30
Ta
=125°C
75
°C
25
°C
−25°C
Fig.2 Reverse characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com