Electronic Components Datasheet Search
  English  ▼

X  

FC13973 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FC13973
Description  Angelina RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC13973 Datasheet(HTML) 1 Page - Ledil, Inc.

  FC13973 Datasheet HTML 1Page - Ledil, Inc. FC13973 Datasheet HTML 2Page - Ledil, Inc. FC13973 Datasheet HTML 3Page - Ledil, Inc. FC13973 Datasheet HTML 4Page - Ledil, Inc. FC13973 Datasheet HTML 5Page - Ledil, Inc. FC13973 Datasheet HTML 6Page - Ledil, Inc. FC13973 Datasheet HTML 7Page - Ledil, Inc. FC13973 Datasheet HTML 8Page - Ledil, Inc. FC13973 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT DATASHEET
Angelina series
last update 13/3/2015
DETAILS
Product Number
FC13973_ANGELINA-RZ-S
Family
Angelina
Type
RefPack
Color
metal
Diameter
82 mm
Height
31 mm
Style
round
Optic Material
PC
Holder Material
Fastening
screw, socket
Status
production ready
ROHS Compliant
Yes
Date Updated
13/03/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON K16
26 deg
Spot
89 %
1.800
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K12
25 deg
Spot
89 %
1.800
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
24 deg
Spot
87 %
1.700
IDEAL: 50-2103NC + 50-2100AN
PrevaLED Core Z4 LES19
26 deg
Spot
88 %
1.600
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S19
27 deg
Spot
88 %
1.600
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
27 deg
Spot
87 %
1.600
TE: OPTIC CLIP Z50 TYPE1 2213194-1
AC Zhaga COB
30 deg
Spot
88 %
1.400
Optosource: SEHSMJD-A
Mega Zenigata (GW6DME)
24 deg
Spot
89 %
1.900
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G1 15mm 2000lm 927 Sunset R EXC
24 deg
Spot
89 %
1.900
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G1 11mm 1000lm 927 Sunset R EXC
21 deg
Spot
90 %
2.200
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
February 8th 2018 2:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC13973

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
Angelina RefPack
More results

Similar Description - FC13973

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
ANGELINA series
logo
Ledil, Inc.
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
Angelina RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
F13659 LEDIL-F13659 Datasheet
5Mb / 110P
Angelina Reflector
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com