Electronic Components Datasheet Search
  English  ▼

X  

CS5323D Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5323D
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323D Datasheet(HTML) 2 Page - ON Semiconductor

  CS5323D Datasheet HTML 1Page - ON Semiconductor CS5323D Datasheet HTML 2Page - ON Semiconductor CS5323D Datasheet HTML 3Page - ON Semiconductor CS5323D Datasheet HTML 4Page - ON Semiconductor CS5323D Datasheet HTML 5Page - ON Semiconductor CS5323D Datasheet HTML 6Page - ON Semiconductor CS5323D Datasheet HTML 7Page - ON Semiconductor CS5323D Datasheet HTML 8Page - ON Semiconductor CS5323D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS5323
http://onsemi.com
2
R18
10 k
R19
C17
0.1
µF
C4
R6
.01
µF
C13
R9
C22
R14
R15
1.0 k
75 k
C20
C16
VID4
VID3
VID1
VID0
ENABLE
COMP
VFB
VDRP
CS1
CS2
CS3
CSREF
VID0
VID2
VID3
VID4
ILIM
REF
GATE2
GATE3
Gnd
GATE1
VCC
ROSC
VID1
R17
R16
C21
12 VIN
5 VIN
R10
C12
1.0 nF
1.0
µF
1.0
µF
C19
1.0
µF
C27
1.0
µF
C26
C23
C24
3
×
10
µF
C4
1.0
µF
C5
.01
µF
.01
µF
.01
µF .01 µF
30.1 k
30.1 k
30.1 k
2.7 k
1.0 k
0.1
µF
C25
VID2
R12
D5
Q6
Q5
D3
Q4
Q3
L4
L3
L2
L1
D1
Q2
MTD3302
R13
7.5 k
C11
2.0 nF
C18
1.0
µF
Q1
MTD3302
U4
U3
U1
8
×
4SP560M
850 nH
850 nH
850 nH
BAS40LT1
BAS40LT1
BAS40LT1
+
+
8.0 k
C28
1.0 nF
10 k
U2
R1
10
Ω
VOUT
3
× 16S0180M
300 nH
MTD3302
Figure 1. Application Diagram, 12 V to 1.7 V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com