Electronic Components Datasheet Search
  English  ▼

X  

367709 Datasheet(PDF) 2 Page - Lumberg

Part # 367709
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

367709 Datasheet(HTML) 2 Page - Lumberg

  367709 Datasheet HTML 1Page - Lumberg 367709 Datasheet HTML 2Page - Lumberg 367709 Datasheet HTML 3Page - Lumberg 367709 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36 3677
01/2018
2
Environmental conditions
Temperature range
-40 °C/+120 °C
Materials
Insulating body
PA GF, V-0 according to UL94 1
Contact tab with insulation
displacement terminal
CuSn, pre-nickel and tin-plated
Contact tab without insulation
displacement terminal
CuZn, pre-nickel and tin-plated
1
component glow wire resistant (GWT 750 °C), testing acc. to IEC 60695-2-11, assessment acc. to
IEC 60335-1 (flame < 2 s)
Mechanical data
Contact tab
6.3 x 0.8 mm according to DIN
42644
Bridge conductor
stranded wire LiY 0.75 mm²
according to H05V-KH05V-K
Electrical data (at Tamb 20 °C)
Rated current
10 A (TU 70 °C)
Rated voltage
250 V AC
Material group
IIIa (IEC)/2 (UL) (CTI ≥ 250)
Creepage distance
4,2 mm
Clearance
4,2 mm
Insulation resistance
> 10 GΩ
Associated products
Counterparts
�
3611
�
3615
�
3615-1
�
3615-2
�
3615-3
�
3623
�
3623 01 V01
�
3626
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com