Electronic Components Datasheet Search
  English  ▼

X  

369503 Datasheet(PDF) 3 Page - Lumberg

Part # 369503
Description  RAST 7.5 Power connectors, pitch 7.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

369503 Datasheet(HTML) 3 Page - Lumberg

  369503 Datasheet HTML 1Page - Lumberg 369503 Datasheet HTML 2Page - Lumberg 369503 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
36 3695
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
3695 02
2
250
1000
7.5
15.2
17.3
3695 03
3
250
1000
15.0
22.7
24.8
3695 04
4
250
1000
22.5
30.2
32.3
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
in bulk, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com