Electronic Components Datasheet Search
  English  ▼

X  

RV2 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # RV2
Description  CHIP TYPE Aluminum Electolytic Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

RV2 Datasheet(HTML) 1 Page - Yellow Stone Corp

  RV2 Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
RV2
Chip Type Standard Capacitors
 Compatible with surface mounting for 5.3mm high capacitors.
 Supplied with carrier taping.
 Guarantees 2000 hours at 85℃.
■ SPECIFICATIONS
Item
Performance
Category Temperature Range
40℃~+85℃
Capacitance Tolerance
20%
(20℃, 120Hz)
Leakage Current (
A)
Less than 0.01CV or 3 whichever is larger (after 2 minutes) C
:Rated capacitance (
F);V:Rated voltage (V)
(20℃)
Dissipation Factor
(Tan
 at 120Hz, 20℃)
Rated voltage (V)
4
6.3
10
16
25
35
50
3
0.42
0.30
0.24
0.22
0.16
0.14
0.12
tan
 (max.)
4 to 6.3
0.42
0.28
0.24
0.20
0.14
0.12
0.10
Low Temperature Characteristics
(at 120Hz)
Rated voltage (V)
4
6.3
10
16
25
35
50
Z
25℃/Z+20℃
7
4
3
2
2
2
2
3
Z
40℃/Z+20℃
17
10
8
6
4
3
3
Z
25℃/Z+20℃
7
3
3
2
2
2
2
Impedance ratio (max.)
4 to 6.3
Z
40℃/Z+20℃
15
8
5
4
3
3
3
Endurance (85℃)
(Applied ripple current)
Test time
2000 hours (
3:1000 hours)
Capacitance Change
Within
20% of initial value (4WV:30%)
Dissipation Factor
200% or less of the initial specified value (4WV
:300%)
Leakage Current
The initial specified value or less
Shelf life (85℃)
Test time
:1000 hours; other items are the same as those for the endurance. Voltage application treatment:According to JIS
C5101-1
Coefficient of Frequency
for Rated Ripple Current
Frequency (Hz)
Rated voltage (V)
50
.60
120
1k
10k
.100k
4 to 16
0.80
1
1.15
1.25
25 to 35
0.80
1
1.25
1.40
50
0.80
1
1.35
1.50
Applicable standards
JIS C5101-1 1998, -18 1999 (IEC 60384-1 1992, -18 1993)
■ OUTLINE DRAWING
Unit:mm
■ STANDARD RATINGS
Rated voltage (V)
4
6.3
10
16
25
35
50
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Case
ESR
Rated
ripple
current
Item
Rated
capacitance
(
F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
3
5.3
905
2
0.22
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
4
5.3
754
5
3
5.3
603
3
0.33
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
4
5.3
503
6
3
5.3
424
4
0.47
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
4
5.3
353
7
3
5.3
199
6
1
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
4
5.3
166
10
2.2
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
3
5.3
106
8
4
5.3
75
15
3.3
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
3
5.3
70
9
4
5.3
50
19
3
5.3
57
11
4.7
─
─
─
─
─
─
─
─
─
─
─
─
4
5.3
49
19
4
5.3
42
20
5
5.3
35
26
3
5.3
37
18
10
─
─
─
─
─
─
4
5.3
40
23
4
5.3
33
26
5
5.3
23
32
5
5.3
20
34
6.3
5.3
17
44
22
3
5.3
32
14
4
5.3
21
31
5
5.3
18
39
5
5.3
15
44
6.3
5.3
11
55
6.3
5.3 9.1
59
─
─
─
33
4
5.3
21
31
5
5.3
14
44
5
5.3
12
48
6.3
5.3
10
63
6.3
5.3 7.0
67
─
─
─
─
─
─
47
4
5.3
15
37
5
5.3
10
52
6.3
5.3 8.5
67
6.3
5.3 7.1
75
6.3
5.3 6.4
75
─
─
─
─
─
─
100
5
5.3
7.0
63
6.3
5.3 5.0
89
6.3
5.3 4.0
98
6.3
5.3 3.3
103
─
─
─
─
─
─
─
─
─
220
6.3
5.3 3.2
110
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
─
(Note) Rated ripple current:85
℃, 120Hz;ESR:20℃, 120Hz
D
L
A
B
C
W
P
Casing
symbol
3
5.3
 0.2 3.3 3.3 1.5 0.45 to 0.75 0.8
B55
4
5.3
 0.2 4.3 4.3 2.0
0.5 to 0.8
1.0
―
5
5.3
 0.2 5.3 5.3 2.3
0.5 to 0.8
1.5
―
6.3 5.3
 0.2 6.6 6.6 2.7
0.5 to 0.8
2.0
―
Marking color:Black print


Similar Part No. - RV2

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-16V100MU-R ALTERA-RV2-16V100MU-R Datasheet
72Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-25V4R7MB55U-R ALTERA-RV2-25V4R7MB55U-R Datasheet
72Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Trumeter Technologies
RV2-4916 TRUMETER-RV2-4916 Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV2-4916A TRUMETER-RV2-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - RV2

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RYK-10V561MG5T-FL ALTERA-RYK-10V561MG5T-FL Datasheet
97Kb / 1P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RYK-16V471MG5TT-FL ALTERA-RYK-16V471MG5TT-FL Datasheet
87Kb / 2P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Yellow Stone Corp
RV3 YSTONE-RV3 Datasheet
920Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RV5 YSTONE-RV5 Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
RVD YSTONE-RVD Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
RVJ YSTONE-RVJ Datasheet
955Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RVS YSTONE-RVS Datasheet
1,009Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RVZ YSTONE-RVZ Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
VEJ YSTONE-VEJ Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
VZH YSTONE-VZH Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com