Electronic Components Datasheet Search
  English  ▼

X  

RV5 Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # RV5
Description  CHIP TYPE Aluminum Electolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

RV5 Datasheet(HTML) 2 Page - Yellow Stone Corp

  RV5 Datasheet HTML 1Page - Yellow Stone Corp RV5 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
RV5
■ STANDARD RATINGS
Rated voltage (V)
6.3
10
16
25
35
50
63
100
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Item
Rated
capacitance (
F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
2.2
─
─
─
─
─
─
─
─
─
─
─
─
3
5.3
7
─
─
3.3
─
─
─
─
─
─
─
─
─
─
3
5.3
10
4
5.3
12
─
─
4.7
─
─
─
─
─
─
─
─
3
5.3
13
4
5.3
18
5
5.3
20
─
─
10
─
─
─
─
3
5.3
18
3
5.3
16
4
5.3
24
5
5.3
30
6.3
5.3
32
─
─
6.3
7.7
60
22
3
5.3
21
3
5.3
20
─
─
4
5.3
24
5
5.3
41
6.3
5.3
47
8
6.5
62
─
─
33
─
─
─
─
4
5.3
32
5
5.3
47
─
─
8
6.5
83
─
─
8
10
94
47
4
5.3
34
4
5.3
33
5
5.3
52
─
─
6.3
5.3
54
6.3
7.7
85
8
10
139
10
10
189
6.3
7.7
120
100
5
5.3
55
5
5.3
54
6.3
5.3
70
8
6.5
118
6.3
7.7
120
8
10
252
10
10
226
─
─
150
─
─
6.3
5.3
79
─
─
─
─
─
─
─
─
─
─
─
─
6.3
7.7
173
220
6.3
5.3
88
8
6.5
175
6.3
7.7
162
─
─
8
10
260
─
─
─
─
─
─
6.3
7.7
188
330
8
6.5
190
─
─
─
─
8
10
300
10
10
360
─
─
─
─
─
─
470
─
─
8
10
310
8
10
307
10
10
400
─
─
─
─
─
─
─
─
680
─
─
─
─
10
10
380
─
─
─
─
─
─
─
─
─
─
1000
─
─
10
10
454
─
─
─
─
─
─
─
─
─
─
─
─
1500
10
10
489
─
─
─
─
─
─
─
─
─
─
─
─
─
─
(Note) Rated ripple current:85℃, 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com