Electronic Components Datasheet Search
  English  ▼

X  

RVZ Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # RVZ
Description  CHIP TYPE Aluminum Electolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

RVZ Datasheet(HTML) 1 Page - Yellow Stone Corp

  RVZ Datasheet HTML 1Page - Yellow Stone Corp RVZ Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
RVZ
Chip Type, 105ºC Use, Low Impedance Capacitors
 Compatible with surface mounting.
 Supplied with carrier taping.
 Guarantees 2000 hours at 105℃.
■ SPECIFICATIONS
Item
Performance
Category Temperature Range
55℃~+105℃
Capacitance Tolerance
20%
(20℃, 120Hz)
Leakage Current (
A)
Less than 0.01CV or 3 whichever is larger (after 2 minutes) C:Rated capacitance (
F);V:Rated voltage (V)
(20℃)
Dissipation Factor
(Tan
 at 120Hz, 20℃)
Rated voltage (V)
6.3
10
16
25
35
tan
 (max.)
0.28
0.24
0.20
0.16
0.14
Low Temperature
Characteristics (at 120Hz)
Rated voltage (V)
6.3
10
16
25
35
Z
25℃/Z+20℃
4
3
2
2
2
Impedance ratio (max.)
Z
55℃/Z+20℃
8
5
4
3
3
Endurance (105
℃)
(Applied ripple current)
Test time
2000 hours (8
6.5 or less: 1000 hours)
Capacitance Change
Within
25% of initial value
Dissipation Factor
200% or less of the initial specified value
Leakage Current
The initial specified value or less
Shelf life (105
℃)
Test time:1000 hours; other items are the same as those for the endurance.
Voltage application treatment:According to
JIS C5101-1
Coefficient of Frequency
for Rated Ripple Current
Frequency (Hz)
Rated voltage (V)
120
1k
10k
100k
6.3 to 35
0.5
0.75
0.9
1.0
Applicable standards
JIS C5101-1 1998, -18 1999 (IEC 60384-1 1992, -18 1993)
■ OUTLINE DRAWING
Unit:mm
D
L
A
B
C
W
P
Casing symbol
4
5.3
 0.2
4.3
4.3
2.0
0.5 to 0.8
1.0
D55
4
5.8
 0.3
4.3
4.3
2.0
0.5 to 0.8
1.0
D61
5
5.3
 0.2
5.3
5.3
2.3
0.5 to 0.8
1.5
E55
5
5.8
 0.3
5.3
5.3
2.3
0.5 to 0.8
1.5
E61
6.3
5.3
 0.2
6.6
6.6
2.7
0.5 to 0.8
2.0
F55
6.3
5.8
 0.3
6.6
6.6
2.7
0.5 to 0.8
2.0
F61
6.3
7.7
 0.3
6.6
6.6
2.7
0.5 to 0.8
2.0
F80
8
6.5
 0.3
8.4
8.4
3.4
0.5 to 0.8
2.3
G68
8
10
 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
G10
8
10.5
 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
GA5
10
10
 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
H10
10
10.5
 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
HA5
Marking color:Black print (
45.3L86.5L)
White print on a brown sleeve (
810L‧1010L)


Similar Part No. - RVZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVZ-10V100MD55U-R2 TAIYO-YUDEN-RVZ-10V100MD55U-R2 Datasheet
253Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVZ]
RVZ-10V100MD55U-R2 TAIYO-YUDEN-RVZ-10V100MD55U-R2 Datasheet
375Kb / 2P
Vertical Chip Type Aluminum Electrolytic Capacitors[VVZ] for General Electronic Equipment
RVZ-10V100MD55UN-R2 TAIYO-YUDEN-RVZ-10V100MD55UN-R2 Datasheet
375Kb / 2P
Vertical Chip Type Aluminum Electrolytic Capacitors[VVZ] for Automotive Body & Chassis and Infotainment
RVZ-10V100MD55UQ-R2 TAIYO-YUDEN-RVZ-10V100MD55UQ-R2 Datasheet
253Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVZ]
RVZ-10V100MD55UQ-R2 TAIYO-YUDEN-RVZ-10V100MD55UQ-R2 Datasheet
375Kb / 2P
Vertical Chip Type Aluminum Electrolytic Capacitors[VVZ] for Automotive Powertrain and Safety
More results

Similar Description - RVZ

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RYK-10V561MG5T-FL ALTERA-RYK-10V561MG5T-FL Datasheet
97Kb / 1P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RYK-16V471MG5TT-FL ALTERA-RYK-16V471MG5TT-FL Datasheet
87Kb / 2P
HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Yellow Stone Corp
RV2 YSTONE-RV2 Datasheet
1,013Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RV3 YSTONE-RV3 Datasheet
920Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RV5 YSTONE-RV5 Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
RVD YSTONE-RVD Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
RVJ YSTONE-RVJ Datasheet
955Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
RVS YSTONE-RVS Datasheet
1,009Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
VEJ YSTONE-VEJ Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
VZH YSTONE-VZH Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com