Electronic Components Datasheet Search
  English  ▼

X  

VEJ Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # VEJ
Description  CHIP TYPE Aluminum Electolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

VEJ Datasheet(HTML) 2 Page - Yellow Stone Corp

  VEJ Datasheet HTML 1Page - Yellow Stone Corp VEJ Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
VEJ
■ STANDARD RATINGS
Rated voltage (V)
6.3
10
16
25
35
50
63
100
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Item
Rated
capacitance (F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
1
─
─
─
─
─
─
─
─
─
─
45.7
8
45.7
8
─
─
2.2
─
─
─
─
─
─
─
─
─
─
45.7
12
45.7
12
─
─
3.3
─
─
─
─
─
─
─
─
─
─
45.7
14
55.7
17
─
─
4.7
─
─
─
─
─
─
45.7
17
45.7
17
55.7
20
6.35.7
22
─
─
10
─
─
─
─
45.7
20
45.7
20
55.7
27
6.35.7
32
6.35.7
32
─
─
22
45.7
22
45.7
22
55.7
30
55.7
30
6.35.7
44
6.35.7
38
6.37.7
58
810
100
33
55.7
34
55.7
34
55.7
34
6.35.7
46
6.35.7
46
6.37.7
65
810
140
1010
150
47
55.7
38
55.7
38
6.35.7
48
6.35.7
48
6.37.7
80
6.37.7
70
810
170 12.513.5 250
100
6.35.7
69
6.35.7
69
6.35.7
69
6.37.7
100
810
240
810
210
1010
310 12.513.5 380
6.37.7
120
810
270
220
86.5
120
6.37.7
120
6.37.7
120
107.7
270
810
270
1010
330 12.513.5 470
1616.5
450
810
290
1816.5
590
330
810
290
810
290
107.7
290
810
290
1010
370 12.513.5 490
1616.5
650
1621.5
750
810
320
470
810
320
107.7
320
1010
380
1010
380
12.513.5 520
12.516
550
1616.5
700
1821.5
980
1000
1010
410
1010
410
12.513.5 550 12.516
550
1616.5
800
1816.5
990
─
──
─
2200
12.513.5
680
12.513.5
680
1616.5
900
1616.5
900
1816.5 1050
─
─
─
──
─
1816.5 1150
3300
12.516
850
1616.5
950
1616.5
950
1621.5 1200
─
──
─
─
──
─
1816.5 1225
4700
1616.5
1000
1616.5
1000
1621.5 1275
1821.5 1300
─
──
─
─
──
─
Rated voltage (V)
160
200
250
400
450
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Case
Rated
ripple
current
Item
Rated
capacitance (F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
3.3
─
─
─
─
12.513.5
60
─
─
12.513.5
40
4.7
─
─
─
─
12.513.5
65
12.513.5
45
12.513.5
45
10
─
─
12.513.5
80
12.513.5
70
12.513.5
50
12.516
75
22
─
─
12.516
110
12.513.5 105
1616.5
85
1616.5
85
33
12.513.5
95
12.516
120
1616.5
180
1816.5
100
1816.5
100
47
1616.5
240
1616.5
220
1616.5
220
1821.5
130
─
─
100
1616.5
250
1816.5
280
1816.5
260
─
──
─
(Note) Rated ripple current:mA/rms at 120Hz, 105℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com