Electronic Components Datasheet Search
  English  ▼

X  

DCK Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # DCK
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

DCK Datasheet(HTML) 1 Page - Yellow Stone Corp

  DCK Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”
DCK
Coin Cell Capacitors
Unlike batteries, the number of charging/
discharging cycles unlimited and rapid
charging / discharging is possible.
High reliability, Safe and unlike secondary
batteries, this is pollution free devices.
■ SPECIFICATIONS
Item
Performance
Max. operating voltage
3.3V
Category Temperature Range
10℃~+60℃
Tolerance at rated capacitance
20%~+80%
Internal resistance
at 1 kHz
Size code
614
621
Rated capacitance (F)
0.2
0.4
Internal resistance ()
200
200
Characteristics at high
and low temperature
Size code
614
621
Rated capacitance (F)
Within ±50% of the value at 20℃
Within ±50% of the value at 20℃
Internal resistance ()
Less than five times the initial specified value Less than ten times of the value at 20℃
Endurance (60℃)
Size code
614
621
Test time and temp
60℃ 1000 hours
60℃ 500 hours
Rated capacitance (F)
Within 30% of the initial measured value
Within 40% of the initial measured value
Internal resistance ()
2k Max.
800 Max
Shelf life (60℃)
Same as endurance.
Applicable standards
Conforms to JIS C5160-1 2009 (IEC 62391-1 2006)
■ OUTLINE DRAWING
Unit:mm
Part numbering system (example : 621, 3.3V0.22F, terminal shaped : E)
DCK
─
3R3
E
224
□
─
E
Series code
Max. operating voltage
symbol
Rated capacitance
symbol
Additional
symbol
Part number is refer to below table.
■ STANDARD RATINGS
Max. operating voltage (V)
Rated capacitance (F)
ELNA Parts No.
DL (mm)
3.3
0.2
DCK-3R3E204T614-E
6.81.4
3.3
0.22
DCK-3R3E224U-E
6.82.1
3.3
0.4
DCK-3R3E404T-E
6.82.1
GREEN
CAP
60℃
Marking color:White print on an indigo sleeve


Similar Part No. - DCK

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCK-3-7S SYNERGY-DCK-3-7S Datasheet
403Kb / 3P
3-WAY POWER DIVIDER
logo
List of Unclassifed Man...
DCK-3R3E204T614-E ETC2-DCK-3R3E204T614-E Datasheet
95Kb / 1P
ELECTRIC DOUBLE LAYERCAPACITORS CAPACITORS DYNACAP
DCK-3R3E204T614-E ETC2-DCK-3R3E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
DCK-3R3E404T-E ETC2-DCK-3R3E404T-E Datasheet
95Kb / 1P
ELECTRIC DOUBLE LAYERCAPACITORS CAPACITORS DYNACAP
DCK-3R3E404T-E ETC2-DCK-3R3E404T-E Datasheet
95Kb / 1P
Coin Cell Capacitors
More results

Similar Description - DCK

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com