Electronic Components Datasheet Search
  English  ▼

X  

DS87C520 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS87C520 Datasheet HTML 1Page - Dallas Semiconductor DS87C520 Datasheet HTML 2Page - Dallas Semiconductor DS87C520 Datasheet HTML 3Page - Dallas Semiconductor DS87C520 Datasheet HTML 4Page - Dallas Semiconductor DS87C520 Datasheet HTML 5Page - Dallas Semiconductor DS87C520 Datasheet HTML 6Page - Dallas Semiconductor DS87C520 Datasheet HTML 7Page - Dallas Semiconductor DS87C520 Datasheet HTML 8Page - Dallas Semiconductor DS87C520 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
3 of 44
Figure 1. Block Diagram
PIN DESCRIPTION
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
40
44
38
VCC
Positive Supply Voltage. +5V
20
1, 22, 23
16, 17, 39
GND
Digital Circuit Ground
9
10
4
RST
Reset Input. The RST input pin contains a Schmitt voltage input
to recognize external active high Reset inputs. The pin also
employs an internal pulldown resistor to allow for a combination
of wired OR external reset sources. An RC is not required for
power-up, as the device provides this function internally.
18
20
14
XTAL2
19
21
15
XTAL1
Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for
parallel-resonant, AT-cut crystals. XTAL1 acts also as an input if
there is an external clock source in place of a crystal. XTAL2
serves as the output of the crystal amplifier.
29
32
26
PSEN
Program Store-Enable Output. This active-low signal is
commonly connected to optional external ROM memory as a chip
enable.
PSEN provides an active-low pulse and is driven high
when external ROM is not being accessed.
DS87C520/
DS83C520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com