Electronic Components Datasheet Search
  English  ▼

X  

SI2168-B40 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI2168-B40
Description  DVB-T2/T/C Digital TV Demodulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2168-B40 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI2168-B40 Datasheet HTML 1Page - Silicon Laboratories SI2168-B40 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Demodulator
Copyright © 2013 by Silicon Laboratories
8.12.2013
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si2168-B40
DVB-T2/T/C Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 75 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
—
30
MHz
Supported XTAL frequency
16
—
30
MHz
Total power consumption
DVB-T21
—
420
—
mW
DVB-T2
—
190
—
mW
DVB-C3
—
180
—
mW
Thermal resistance (JA)
2 layer PCB
—
35
—
°C/W
4 layer PCB
—
23
—
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Highest power demodulation case: 8 MHz, 256 QAM, 32K FFT, CR=3/5, GI=1/128, PP7, C/N at picture failure.
2. Highest power demodulation case: 8 MHz, 64QAM, IF Mode, 8K, Parallel TS Output.
3. Highest power demodulation case: 6.9 Mbaud, 256 QAM, IF Mode, Parallel TS Output.
Pin Assignments
Selection Guide
Part #
Description
Si2168-B40-GM/R
Terrestrial and Cable Digital TV Demodulator for DVB-T2/T/C, 7x7 mm QFN-48
Si2168
(GND_PAD)
QFN-48
7x7mm
34
35
36
21
22
23
24
3
4
5
33
20
6
32
7
28
29
30
31
27
8
9
10 11 12
15
16
17
18
19
40
39
38
37
41
46
45
44
43
42
NC
NC
NC
NC
SDA_MAST
SCL_MAST
NC
TC_ADC_P
TC_ADC_N
TS_DATA[1]
TS_DATA[5]
TS_DATA[4]
TS_DATA[3]
GND
VDD_VIO
TS_DATA[2]
TS_DATA[0]/TS_SER
TS_CLK
TS_SYNC
47
14
48
13
2
1
26 25
TS_DATA[6]
CLK_IN_OUT
GND
VDD_VCORE
VDD_VCORE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com