Electronic Components Datasheet Search
  English  ▼

X  

SI3404 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI3404
Description  Voice over IP telephones
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3404 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI3404 Datasheet HTML 1Page - Silicon Laboratories SI3404 Datasheet HTML 2Page - Silicon Laboratories SI3404 Datasheet HTML 3Page - Silicon Laboratories SI3404 Datasheet HTML 4Page - Silicon Laboratories SI3404 Datasheet HTML 5Page - Silicon Laboratories SI3404 Datasheet HTML 6Page - Silicon Laboratories SI3404 Datasheet HTML 7Page - Silicon Laboratories SI3404 Datasheet HTML 8Page - Silicon Laboratories SI3404 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2. System Overview
The following Block Diagrams will give the designer a sense for the internal arrangement of functional blocks, plus their relationships to
external pins. The Block Diagrams are followed by a description of the features of these integrated circuits.
2.1 Block Diagram
VPOS
VNEG
DETECTION
RDET
OSCs
fixed: 250kHz
adjustable: 100...500kHz
CLASS
PoE
CONTROLLER
HOT-SWAP
CONTROLLER
THERMAL
PROTECTION
HSO
5V
REGULATOR
RFREQ
VDD
RCL
CURRENT
MODE
PWM
CONTROLLER
THERMAL
PROTECTION
VSS
SWO
EROUT
FBL
FBH
TVS
100V
HSSW
250kHz
250kHz
VPOS-1.32V
VSS+1.32V
IBIAS
Start
ISNS
IAVG
DC/DC
SW
VT15
AUX
WINDING
SUPPORT
Figure 2.1. Si3404 Block Diagram
2.2 Power over Ethernet (PoE) Line-Side Interface
The PoE line interface consists of external diode bridges, internal surge protection, and protocol interface support for detection and
classification.
The chip features active protection against surge transients and accidentally applied telephony voltages.
2.2.1 Surge Protection
The surge protection circuit is activated if the VPOS-VNEG voltage exceeds TPROT and the hotswap switch is off (dc-dc is not pow-
ered). If the hotswap switch is on, the surge power is sunk in the dc-dc’s input capacitance.
The internal surge protection can be overridden with an external TVS if higher than specified surge conditions need be tolerated. The
external surge device must be connected in parallel to the internal one; therefore, the designer must ensure that the external surge
protection will activate prior to the internal surge protection.
2.2.2 Telephony Protection
The Si3404 provides protection against telephony ringing voltage. The telephony ringing is much longer than the surge pulse but it has
less energy, therefore, the Si3404 has a switch parallel with the supply (VPOS and VNEG). When the protection circuit is activated, it
turns ON the telephony switch; the ringing energy then dissipates on this switch and ringing generator resistance (> 400 Ω).
Si3404 Data Sheet
System Overview
silabs.com | Building a more connected world.
Preliminary Rev. 0.5 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com