Electronic Components Datasheet Search
  English  ▼

X  

FBI2L5S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FBI2L5S2
Description  2. Amp. Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FBI2L5S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FBI2L5S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI2L5S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Mounting Instructions
• High temperature soldering guaranteed: 260 ºC – 10 sc.
• Recommended mounting torque: 8 Kg.cm.
FBI2B
5S2
100
40
FBI2B5S2.......FBI2M5S2
2. Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Recurrent peak forward current
10 ms. peak forward surge current
I
2t value for fusing (t = 10 ms)
Dielectric strength (terminals to case, AC 1 min.)
Operating temperature range
Storage temperature range
I
FRM
IFSM
I
2t
VDIS
T
j
T
stg
4.5 A at 65 ºC
2.0 A at 25 ºC
15 A
100 A
50 A
2 sec
1500 V
– 40 to + 150 °C
– 40 to +150 ºC
Electrical Characteristics at Tamb = 25°C
V
F
Max. forward voltage drop per element at I
F =3 A
I
R
1.1 V
Max. reverse current per element at V
RRM
Voltage
100 to 1000 V.
Current
2.0 A.
V
RRM
V
R
I
F(AV)
Peak Recurrent Reverse Voltage (V)
Recommended Input Voltage (V)
Max. Average forward current with heatsink
without heatsink
FBI2D
5S2
200
80
FBI2F
5S2
300
125
FBI2J
5S2
600
250
FBI2L
5S2
900
380
FBI2M
5S2
1000
500
Plastic
Case
®
5 A
MAXIMUM THERMAL RESISTANCE
Junction-Case. With Heatsink.
Junction-Ambient. Without Heatsink.
12 ºC/W
40 ºC/W
R
th (j-c)
R
th (j-a)
20
5
1
0.5
3.5
+
_
5
5
1.5
1+ 0.05
1.5
L
suffix
13.5
7
–4
• Glass Passivated Junction Chips.
• UL recognized under component index file
number E130180.
• Lead and polarity identifications.
• Case: Molded Plastic.
• Ideal for printed circuit board (P.C.B.).
• The plastic material carries U/L recognition 94 V-O.
Jan - 00
70
V
RMS
Maximum RMS Voltage (V)
140
210
420
630
700


Similar Part No. - FBI2L5S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI2A4S1 ETC1-FBI2A4S1 Datasheet
37Kb / 2P
2 Amp. Glass Passivated Bridge Rectifier
FBI2M4S1 ETC1-FBI2M4S1 Datasheet
37Kb / 2P
2 Amp. Glass Passivated Bridge Rectifier
More results

Similar Description - FBI2L5S2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2KBP005G FUJI-2KBP005G Datasheet
762Kb / 1P
2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2KBPOO5G FUJI-2KBPOO5G Datasheet
53Kb / 1P
2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
8 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI2A4S1 ETC1-FBI2A4S1 Datasheet
37Kb / 2P
2 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
4 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com