Electronic Components Datasheet Search
  English  ▼

X  

SI3480 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI3480
Description  POWER MANAGEMENT CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3480 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI3480 Datasheet HTML 1Page - Silicon Laboratories SI3480 Datasheet HTML 2Page - Silicon Laboratories SI3480 Datasheet HTML 3Page - Silicon Laboratories SI3480 Datasheet HTML 4Page - Silicon Laboratories SI3480 Datasheet HTML 5Page - Silicon Laboratories SI3480 Datasheet HTML 6Page - Silicon Laboratories SI3480 Datasheet HTML 7Page - Silicon Laboratories SI3480 Datasheet HTML 8Page - Silicon Laboratories SI3480 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Si3480
4
Rev. 1.1
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Description
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Temperature
Range
TA
No airflow
–40
—
85
°C
VDD Supply Voltage
VDD
All operating modes
2.7
—
3.6
V
LED Current
ILED
LEDBANK pin at 50% duty cycle
—
20
—
mA
Table 2. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Ambient Temperature under Bias
–55
—
125
°C
Storage Temperature
–65
—
150
°C
Voltage on any I/O with respect to GND
VDD > 2.2 V
–0.3
—
5.8
V
Voltage on VDD with respect to GND
–0.3
—
4.2
V
Maximum Total LED Current
—
—
500
mA
Maximum LED Current per Pin
—
—
100
mA
Note: Stresses above those listed under absolute maximum ratings may cause permanent damage to the
device. This is a stress rating only, and functional operation of the devices at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Table 3. Electrical Characteristics*
Description
Symbol
Test Conditions
Min
Typ
Max
Units
Input High
VIH
RST, SCL, SDA,
ALTCFG
2.0
—
—
V
Input Low
VIL
RST, SCL, SDA,
ALTCFG
——
0.8
V
Input Leakage Current
IIL
RST, and all CFG pins
SCL and SDA high
——
±1
µA
Output Low
(LED pins, SCL and SDA)
VOL
IOL =8.5 mA
IOL =25mA
—
—
—
1.0
0.6
—
V
Output High
(LED Pins)
VOH
IOH =–3mA
IOH =–10 mA
—
—
—
VDD–0.8
VDD–0.7
—
V
Sense Accuracy for Analog
Configuration Pins
∆V
SENSE
Percent of VDD
–1.5
—
+1.5
%
VDD Current
IDD
VDD = 3.0 V
VDD = 3.6 V
—
—
—
—
10
13
mA
*Note: VDD = 2.7 to 3.6 V, –40 to 85 °C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com