Electronic Components Datasheet Search
  English  ▼

X  

SI5332 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI5332
Description  Any-Frequency 6/8/12-output
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5332 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI5332 Datasheet HTML 1Page - Silicon Laboratories SI5332 Datasheet HTML 2Page - Silicon Laboratories SI5332 Datasheet HTML 3Page - Silicon Laboratories SI5332 Datasheet HTML 4Page - Silicon Laboratories SI5332 Datasheet HTML 5Page - Silicon Laboratories SI5332 Datasheet HTML 6Page - Silicon Laboratories SI5332 Datasheet HTML 7Page - Silicon Laboratories SI5332 Datasheet HTML 8Page - Silicon Laboratories SI5332 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
1. Features List
• Any-Frequency 6/8/12-output programmable clock generators
• Offered in three different package sizes, supporting different
combinations of output clocks and user configurable hardware
input pins
• 32-pin QFN, up to 6 outputs
• 40-pin QFN, up to 8 outputs
• 48-pin QFN, up to 12 outputs
• MultiSynth™ technology enables any-frequency synthesis on
any output up to 250 MHz
• Embedded 50 MHz crystal option
• Highly configurable output path featuring a cross point mux
• Up to three independent fractional synthesis output paths
• Up to five independent integer dividers
• Ordering options for embedded 50 MHz reference crystal
• Input frequency range:
• External crystal: 16 to 50 MHz
• Differential clock: 10 to 250 MHz
• LVCMOS clock: 10 to 170 MHz
• Output frequency range:
• Differential: 5 to 312.5 MHz
• LVCMOS: 5 to 170 MHz
• Embedded crystal option on 8-output and 12-output devices.
• User-configurable clock output signal format per output: LVDS,
LVPECL, HCSL, LVCMOS
• Low phase jitter: 230 fs rms
• PCIe Gen1/2/3/4, SRIS compliant
• 1.8 V, 2.5 V, 3.3 V core VDD
• Adjustable output-output delay
• Independent glitchless on-the-fly output frequency changes
• Very low power consumption
• Independent output supply pins for each bank of outputs:
• 1.8 V, 2.5 V, or 3.3 V differential
• 1.5 V, 1.8 V, 2.5 V, 3.3 V LVCMOS
• Programmable spread spectrum
• Down and center spread from –0.1% –2.5% in 0.01% steps
at 30 to 33 KHz
• Integrated power supply filtering
• Serial interface: I2C
• ClockBuilder Pro software utility simplifies device configuration
and assigns custom part numbers
• Temperature range: –40 to +85 °C
• Pb-free, RoHS-6 compliant
Si5332 Data Sheet
Features List
silabs.com | Building a more connected world.
Rev. 0.7 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com