Electronic Components Datasheet Search
  English  ▼

X  

G696 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G696
Description  Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G696 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.1
Jul 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G696/G697
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..…….…….-0.3V to +6.0V
Delay Capacitor Pin Voltage, VCD…..-0.3 to (VCC +0.3V)
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET (open drain)...…......…................-0.3V to +6.0V
Input Current, VCC ............................…..…............20mA
Output Current, RESET, RESET ......…...............20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 2.17mW/°C above +70°C).174mW
Operating Temperature Range …...…..-40°C to +105°C
Storage Temperature Range..….…......-65°C to +150°C
Lead Temperature (soldering, 10s)...…...….…...+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause p’ermanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
TA = 0°C +70°C
0.8
5.5
VCC Range
TA = -40°C +105°C
1
5.5
V
VCC<5.5V, G69_ _463/438/400/330_
6
10
Supply Current (SOT23-5)
ICC
VCC<3.6V, G69_ _308/293/263_
5
8.5
µA
G69_ _463_
4.537
4.63
4.722
G69_ _438_
4.293
4.38
4.467
G69_ _400_
3.92
4
4.08
G69_ _330_
3.234
3.30
3.366
G69_ _308_
3.019
3.08
3.141
G69_ _293_
2.872
2.93
2.988
Reset Threshold
VTH-
G69_ _263_
2.578
2.63
2.682
V
G69__463_
139
231
324
G69__438_
132
219
306
G69__400_
120
200
280
G69__330_
99
165
231
G69__308_
93
154
215
G69__293_
88
146
205
Reset Threshold Hystersis
VHYS
G69__263_
79
131
184
mV
Reset Threshold Tempco
70
ppm/°C
VCC = 5V G69_ _ 463/438/400/330__
3
3.3
3.9
V
VCC =3.3V G69_ _308/293
1.9
2.3
2.7
CD Delay Pin Threshold Voltage
VTDC
VCC =3.0V G69_ 263_
1.8
2.2
2.6
Delay Capacitor Pin Sink Current
ICD
VCC = 1.5V, VCD = 0.5V
3
5
mA
Delay Pull up Resistance
RD
1
1.5
2.3
M
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com