Electronic Components Datasheet Search
  English  ▼

X  

RH1 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RH1
Description  High Voltage Hermetic Hi-Meg Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RH1 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RH1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RH1 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 3/4
Order Codes
Order Codes (RH1)
RH1
1T
J
Part Number
RH1
Resistance Value (Ω)
1T
1TΩ
10T
10TΩ
100T
100TΩ
Resistance Tolerance (%)
J
±5%
K
±10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com