Electronic Components Datasheet Search
  English  ▼

X  

RI80 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RI80
Description  High Voltage Surge Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RI80 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI80 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI80 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/5
General Specifications
General Specifications (RI80) (Unit: mm)
Part
Number
Rated
Wattage
(W)
Style
Dimensions (Unit:mm)
Resistance
Range
(Ω)
Temp
Coefficient
(10-6/°C)
Max
Working
Voltage
(KV)
Operating
Temp
(°C)
Resistance
tolerance
(%)
Lmax Dmax
I
D
RI80-1
1
a
30±2
9±1
30±3 0.7±0.1
1R ~ 1T
1R≤R<1G,
(±100ppm)
1G≤R<10G,
(±200ppm)
10G≤R<100G,
(±300ppm)
100G≤R≤1T,
(±500ppm)
10
-55°C
~
+70°C
F( ±1%)
G( ±2%)
J(±5%)
K(±10%)
RI80-2
2
a
50±2
9±1
30±3 0.7±0.1
15
RI80-3
3
a
65±2
9±1
30±3 0.7±0.1
15
RI80-5
5
a
100±2
9±1
30±3
1±0.1
25
RI80-10
10
a
144±2
11±1
30±3
1±0.1
30
RI80-10
10
b/c
147±2
11±1
6±1
M4
30
RI80-20
20
b/c
116±2
17±1
10±1
M6
1R ~ 1G
30
RI80-25
25
b/c
116±2
19±1
10±1
M6
30
RI80-30
30
b/c
116±2
19±1
10±1
M6
30
RI80-50
50
b/c
116±2
21±1
10±1
M6
30
RI80-80
80
b/c
130±2 27±1
10±1
M6
30
RI80-100
100
b/c
160±2 27±1
10±1
M6
35
RI80-150
150
b/c
210±2 27±1
10±1
M6
1R ~
200M
35
RI80-200
200
b/c
260±2 27±1
10±1
M6
35
RI80-300
300
b/c
310±2 33±1
10±1
M6
35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com