Electronic Components Datasheet Search
  English  ▼

X  

RH11TK Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RH11TK
Description  High Voltage Hermetic Hi-Meg Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RH11TK Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RH11TK Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RH11TK Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RH11TK Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RH11TK Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RH11TK Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/4
Dimensions & Specification
Dimensions & Specification (RH1) (Unit: mm)
Resistance Range
1×107~1×1012(Ω)
Resistance Tolerance
(J±5%) (K±10%)
Operating Temperature
-55 ~ +125
Temperature Coefficient
±500PPM/ (-55~+125℃)
Damp Heat
ΔR ≤ ± (5%R+0.1Ω)
Working Voltage
1000V
Rated Power
1/2 W
Hermetic High Resistance High-Megohm Resistors (RH1) Dimensions (Unit: mm)
Cleaning & Handling
Cleaning & Handling (RH1)
Hermetic High-Megohm Resistor Cleaning & Handling:
It should be handled by the leads, unless gloves are worn.
If cleaning should become necessary, use isopropyl alcohol and lightly wipe dry with lint free tissues.
These glass encapsulated (hermetic) resistors with high resistance value is required extraordinary
cleanliness.
Fingerprints on the surface of the resistor will attract contaminants and moisture, which will cause a parallel
resistance path, reducing the resistance value of the device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com