Electronic Components Datasheet Search
  English  ▼

X  

RI85 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RI85
Description  High Voltage Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI85 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RI85 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI85 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(RI85)
High Voltage
Power Resistors
Token Electronics Industry Co., Ltd.
Taiwan: No.137, Sec. 1, Zhongxing Rd., Wugu District,
New Taipei City, Taiwan, R.O.C. 24872
Tel: +886 2981 0109
Fax: +886 2988 7487
China: 12F, Zhong Xing Industry Bld., Chuang Ye Road,
Nan Shan District, Shen Zhen City,
Guang Dong, China 518054
Tel: +86 755 26055363; Fax: +86 755 26055365
Web: www.token.com.tw
mailto:rfq@token.com.tw
Version:
January 12, 2017


Similar Part No. - RI85

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
High Voltage Surge Resistor
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
RI80 Metal Glaze Impulse Resistors
RI80-1 TOKEN-RI80-1 Datasheet
607Kb / 6P
High Voltage Surge Resistor
RI80-10 TOKEN-RI80-10 Datasheet
473Kb / 4P
RI80 Metal Glaze Impulse Resistors
RI80-10 TOKEN-RI80-10 Datasheet
607Kb / 6P
High Voltage Surge Resistor
More results

Similar Description - RI85

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSN1C KOA-PSN1C Datasheet
92Kb / 2P
high voltage power resistors
PSN05CPFA105JPS001CF105J KOA-PSN05CPFA105JPS001CF105J Datasheet
295Kb / 3P
high voltage power resistors
logo
Riedon Powertron
PFU1000-1RJ1 RIEDON-PFU1000-1RJ1 Datasheet
241Kb / 3P
High Power Resistors / High Voltage Resistors 1000 W & 800 W
logo
Token Electronics Indus...
HI80 TOKEN-HI80 Datasheet
917Kb / 12P
Ultra-Precision High-Power High-Voltage Resistors
logo
Murata Manufacturing Co...
MHR0307SA105M20 MURATA1-MHR0307SA105M20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105M70 MURATA1-MHR0307SA105M70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106D20 MURATA1-MHR0307SA106D20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106F20 MURATA1-MHR0307SA106F20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G20 MURATA1-MHR0307SA106G20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G70 MURATA1-MHR0307SA106G70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com