Electronic Components Datasheet Search
  English  ▼

X  

GSOT15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSOT15
Description  ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT15 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSOT15 Datasheet HTML 1Page - Vishay Siliconix GSOT15 Datasheet HTML 2Page - Vishay Siliconix GSOT15 Datasheet HTML 3Page - Vishay Siliconix GSOT15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85807
Rev. 2, 02-Jun-03
VISHAY
GSOT03 to GSOT36
Vishay Semiconductors
Typical Characteristics (T
amb = 25 °C unless otherwise specified)
Figure 1. Non -Repetitive Peak Pulse Power vs. Pulse Time
Figure 2. Pulse Waveform
Figure 3. Power Derating
100
1000
10000
0.1
1.0
10
td - Pulse Duration ( µ s)
100
1000
10000
10
300W, 8/20
µs waveshape
17476
0
50
100
90
80
70
60
40
30
20
10
110
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
0
10
5
15
20
30
25
t - Time ( µ s)
td = I
PP
2
17477
TL - Lead Temperature
°C
0
20
40
60
80
100
0
50
25
75
100
125
150
Average Power
Peak Pulse Power
8/20
µ s
17478



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com