Electronic Components Datasheet Search
  English  ▼

X  

2SD468 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SD468
Description  NPN Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD468 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SD468 Datasheet HTML 1Page - Micro Commercial Components 2SD468 Datasheet HTML 2Page - Micro Commercial Components 2SD468 Datasheet HTML 3Page - Micro Commercial Components 2SD468 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
x
Low Frequency Power Amplifier.
x
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
2SD468
NPN Epitaxial
Silicon Transistor
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
20
V
VCBO
Collector-Base Voltage
25
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1.0
A
PC
Collector power dissipation
0.9
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVCBO
Collector-Base Breakdown Voltage
(IC=10
Adc, IE=0)
20
---
---
Vdc
BVCEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
25
---
---
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE=0.01mAdc, IC=0)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=20Vdc,IE=0)
---
---
1000
nAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
---
1000
nAdc
ON CHARACTERISTICS
hFE
DC Current gain
(IC=500mAdc, VCE=2.0Vdc)
85
---
240
---
VBE(on)
Base-Emitter On Voltage
(VCE=2.0Vdc, IC=500mAdc)
---
---
1.0
Vdc
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=0.8Adc, IB=80mAdc)
---
---
0.5
Vdc
fT
Current Gain Bandwidth Product
(VCE=2.0Vdc, IC=500mAdc)
---
190
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
---
22
---
pF
(1) hFE Classification B: 85~170, C: 120~240
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of
4
Complementary pair with 2SB562
TO-92L
DIMENSIONS
MM
INCHES
DIM
MIN
MAX
MIN
MAX
NOTE
A
3.700
4.100
.146
.161
B
4.000
---
.157
---
C
0.000
0.300
0.000
0.012
D
0.350
0.450
.014
.018
E
1.280
1.580
.050
.062
F
4.700
5.100
.185
.201
G
7.800
8.200
.307
.323
H
13.80
14.20
.543
.559
J
.600
.800
.024
.031
K
0.350
.550
.014
.022
1.270
.050
2.440
2.640
.096
.104
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
4.400
5.600
.173
.220
2.200
2.800
.086
.110
Straight Lead
Bent Lead
Straight Lead
Bent Lead
L
M
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SD468

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD468 HITACHI-2SD468 Datasheet
30Kb / 6P
Silicon NPN Epitaxial
logo
Unisonic Technologies
2SD468 UTC-2SD468 Datasheet
97Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
logo
Renesas Technology Corp
2SD468 RENESAS-2SD468 Datasheet
157Kb / 6P
Silicon NPN Epitaxial
logo
Unisonic Technologies
2SD468 UTC-2SD468 Datasheet
117Kb / 4P
LOW FREQUENCY POWER AMPLIFIER
logo
Micro Commercial Compon...
2SD468 MCC-2SD468 Datasheet
250Kb / 4P
NPN Epitaxial Silicon Transistor
More results

Similar Description - 2SD468

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com