Electronic Components Datasheet Search
  English  ▼

X  

GSOT03C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSOT03C
Description  ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03C Datasheet(HTML) 1 Page - Vishay Siliconix

  GSOT03C Datasheet HTML 1Page - Vishay Siliconix GSOT03C Datasheet HTML 2Page - Vishay Siliconix GSOT03C Datasheet HTML 3Page - Vishay Siliconix GSOT03C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
GSOT03C to GSOT36C
Document Number 85824
Rev. 1, 02-Jun-03
Vishay Semiconductors
www.vishay.com
1
12
3
18070
ESD Protection Diode
Features
• Transient protection for data lines as per
IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000-4-5 (Lightning) see IPPM below
• Devices have dual diodes, which can protect
two unidirectional lines with pin 3 used
as a common anode connection, or a single
bidirectional line between pins 1 and 2.
Mechanical Data
Case: SOT-23 Plastic Package
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: 8 mg
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
1) Non-repetitive current pulse and derated above T
A = 25 °C,
for GSOT03C, GSOT04C, the peak power dissipation is 270 W
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Peak power dissipation1)
8/20
µs pulse
PPK
300
W
Forward surge current
8.3 ms single half sine-wave
IFSM
7
A
Parameter
Test condition
Symbol
Value
Unit
Operation and storage
temperature range
Tstg, TJ
- 55 to + 150
°C


Similar Part No. - GSOT03C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C Datasheet
185Kb / 12P
Two-Line ESD-Protection in SOT-23
22-Jul-10
GSOT03C VISHAY-GSOT03C Datasheet
180Kb / 14P
Two-Line ESD Protection in SOT-23
17-Apr-2019
logo
Shanghai Leiditech Elec...
GSOT03C LEIDITECH-GSOT03C Datasheet
341Kb / 3P
TVS Diode Array
Rev : 01.06.2016
logo
Guangdong Youtai Semico...
GSOT03C-E3-08 UMW-GSOT03C-E3-08 Datasheet
382Kb / 13P
Two-line ESD protection device
logo
Vishay Siliconix
GSOT03C-GS08 VISHAY-GSOT03C-GS08 Datasheet
185Kb / 12P
Two-Line ESD-Protection in SOT-23
22-Jul-10
More results

Similar Description - GSOT03C

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com