Electronic Components Datasheet Search
  English  ▼

X  

GSOT05 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSOT05
Description  ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT05 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSOT05 Datasheet HTML 1Page - Vishay Siliconix GSOT05 Datasheet HTML 2Page - Vishay Siliconix GSOT05 Datasheet HTML 3Page - Vishay Siliconix GSOT05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
GSOT03 to GSOT36
Document Number 85807
Rev. 2, 02-Jun-03
Vishay Semiconductors
www.vishay.com
1
18078
12
3
ESD Protection Diode
Features
• Transient protection for data lines as per
IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000-4-5 (Lightning) see IPPM below
Mechanical Data
Case: SOT-23 Plastic Package
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: 8 mg
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
1) Non-repetitive current pulse and derated above T
A = 25 °C,
for GSOT03, GSOT04, the peak power dissipation is 270 W
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Electrical Characteristics
1) 8/20 µs waveform used (see figure 2)
Parameter
Test condition
Symbol
Value
Unit
Peak power dissipation1)
8/20
µs pulse
PPK
300
W
Forward surge current
8.3 ms single half sine-wave
IFSM
7
A
Parameter
Test condition
Symbol
Value
Unit
Operation and storage
temperature range
Tstg, TJ
- 55 to + 150
°C
Part Number
Device
Marking
Code
Rated
Stand-off
Voltage
Minimum
Breakdown
Voltage
Maximum
Clamping
Voltage
Maximum
Pulse Peak
Current
Maximum
Leakage
Current
Maximum
Capacitance
VWM
VBR
VC
tp = 8/20 µs
ID
C
V
V
V
IPPM
µA
pF
@ 1 mA
@ IP = 1 A
1)
@ IP = 5 A
1)
A
@ VWM
@ 0 V, 1 MHz
GSOT03
03
3.3
4.0
6.5
7.5
18
125
800
GSOT04
04
4.0
5.0
8.5
10.5
17
125
800
GSOT05
05
5.0
6.0
9.8
12.5
17
100
550
GSOT08
08
8.0
8.5
13.4
15.0
15
10
400
GSOT12
12
12.0
13.3
19.0
28.0
12
2
185
GSOT15
15
15.0
16.7
24.0
35.0
10
1
140
GSOT24
24
24.0
26.7
43.0
60.0
5
1
83
GSOT36
36
36.0
40
60.0
75.0
2
1
80


Similar Part No. - GSOT05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT05 VISHAY-GSOT05 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
logo
AiT Semiconductor Inc.
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Analog Devices
GSOT05-GS08 AD-GSOT05-GS08 Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Vishay Siliconix
GSOT05-GS08 VISHAY-GSOT05-GS08 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
GSOT05-HT3 VISHAY-GSOT05-HT3 Datasheet
99Kb / 5P
ESD Protection Diode
29-Apr-05
More results

Similar Description - GSOT05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com