Electronic Components Datasheet Search
  English  ▼

X  

RY31A Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RY31A
Description  High Frequency Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RY31A Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RY31A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/4
Electrical Characteristics
Electrical Characteristics (RY31A)
Rated
power
(W)
T.C.R
(PPM/℃)
Resistance
range (Ω)
Tolerance
(%)
Pulse test
voltage
(KV)
Ambient
Temp.(70℃
Full Power)
D max.
(mm)
L max.
(mm)
d max.
(mm)
l max.
(mm)
10
(+20℃
~+125℃)
±400
50
±5(J)
±10(K)
3.2
-55℃~
+125℃
Φ 15.1
77
Φ 10.7
5±0.5
75
4
25
50
5
Φ 25.1
121
Φ17.9
10±1
70
6.5
50
50
7.5
162
75
8.7
100
50
11
Φ 35.1
202
Φ23.1
12±1
75
12.5
150
50
12.5
302
20+2
20-1
75
12.5
RF Non-Inductive (RY31A) Dimensions
Note: Request resistance within 1~100Ω, please contact Token Sales.
The resistors with the standard resistance values as showed as above. will be supplied with a shorter delivery.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com